Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757ZMT7 Datasheet(PDF) 68 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757ZMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757ZMT7 Datasheet(HTML) 68 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757ZMT7 Datasheet HTML 64Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 65Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 66Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 67Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 68Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 69Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 70Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 71Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 72Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 151 page
background image
GD32H757xx Datasheet
67
in LFSR mode.
32-bit random numbers are generated each time in LFSR mode.
TRNG NIST mode follows the NIST SP800-90B.
Support health tests recommended by the NIST SP800-90B.
32-bit*4 or 32-bit*8 random numbers are generated each time in NIST mode.
TRNG has the functions of startup and in-service self-check, associated with specific
error flags.
128-bit random value seed is generated from analog noise.
The true random number generator (TRNG) module can generate a 32-bit random value by
using continuous analog noise and it has been pre-certified NIST SP800-90B.
3.11.
Cryptographic Acceleration Unit (CAU)
 Supports DES, TDES or AES (128, 192, or 256) algorithms.
DES/TDES supports Electronic codebook (ECB) or Cipher block chaining (CBC) mode.
AES supports 128bits-key, 192bits-key or 256 bits-key.
Multiple modes are supported respectively in DES, TDES and AES, including Electronic
codebook (ECB), Cipher block chaining (CBC), Counter mode (CTR), Galois / counter
mode (GCM), Galois message authentication code mode (GMAC), Counter with CBC-
MAC (CCM), Cipher Feedback mode (CFB) and Output Feedback mode (OFB).
DMA transfer for incoming and outgoing data is supported.
The cryptographic acceleration unit (CAU) is used to encipher and decipher data with DES,
Triple-DES or AES (128, 192, or 256) algorithms. DES / TDES / AES algorithms with different
key sizes are supported to perform data encryption and decryption in the CAU in multiple
modes. The CAU is a 32-bit peripheral, DMA transfer is supported and data can be accessed
in the input and output FIFO.
3.12.
Hash Acceleration Unit (HAU)
Federal Information Processing Standards Publication 180-4(FIPS PUB 180-4).
Secure Hash Standard specifications (SHA-1, SHA-224, SHA-256).
Internet Engineering Task Force Request for Comments number 1321 (IETF RFC
1321) specifications (MD5).
High performance of computation of hash algorithms.
Automatic data padding to fill the 512-bit message block for digest computation.
DMA transfer is supported.
Hash / HMAC process suspended mode.
The hash acceleration unit (HAU) is used for information security. The secure hash algorithm
(SHA-1, SHA-224, SHA-256), the message-digest algorithm (MD5) and the keyed-hash
message authentication code (HMAC) algorithm are supported for various applications. The
digest will be computed and the length is 160 / 224 / 256 / 128 bits for a message up to (264



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com