Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757ZMT7 Datasheet(PDF) 66 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757ZMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757ZMT7 Datasheet(HTML) 66 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757ZMT7 Datasheet HTML 62Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 63Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 64Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 65Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 66Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 67Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 68Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 69Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 70Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 151 page
background image
GD32H757xx Datasheet
65
3.5.
Power saving modes
The MCU supports three kinds of power saving modes to achieve even lower power
consumption. They are sleep mode, deep-sleep mode, and standby mode. These operating
modes reduce the power consumption and allow the application to achieve the best balance
between the CPU operating time, speed and power consumption.
Sleep mode
In sleep mode, only the clock of CPU core is off. All peripherals continue to operate and
any interrupt / event can wake up the system.
Deep-sleep mode
In deep-sleep mode, all clocks in the 0.9V domain are off, and all of LPIRC4M, IRC64M,
HXTAL and PLLs are disabled. Only the contents of SRAM and registers are retained.
Any interrupt or wakeup event from EXTI lines can wake up the system from the deep-
sleep mode including the 16 external lines, the RTC alarm, RTC tamper and timestamp
event, LXTAL clock stuck, the LVD \ LVD \ OVD, CMP output, LPDTS wakeup, ENET
wakeup, RTC wakeup, CAN wakeup, I2C wakeup, USART0 wakeup and USBHS
wakeup. When exiting the deep-sleep mode, the IRC64M is selected as the system clock.
Standby mode
In standby mode, the whole 0.9V domain is power off, the LDO is shut down, and all of
LPIRC4M, IRC64M, HXTAL and PLLs are disabled. The contents of SRAM and registers
in 0.9V power domain are lost. There are four wakeup sources for the standby mode,
including the external reset from NRST pin, the RTC, the FWDGT reset, WKUP pins and
LCKMD.
3.6.
Electronic fuse (EFUSE)
One-time programmable nonvolatile efuse storage cells organized as 32*32 bits.
Double-bit redundant backup mechanism.
All bits in the efuse cannot be rollback from 1 to 0.
Each bit in efuse macro can only be programmed once, and software must avoid
reprogramming.
Voltage range for program: 1.71~1.98 V.
Voltage range for read: 0.72~1.05 V.
The Efuse controller has efuse macro that store system parameters. As a non-volatile unit of
storage, the bit of efuse macro cannot be restored to 0 once it is programmed to 1.
3.7.
Trigger selection controller (TRIGSEL)
Supports different optional trigger inputs.
Trigger input source could be external input signal or output of peripheral.
Trigger selection output could be for external output or peripheral.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com