Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757ZMT7 Datasheet(PDF) 82 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757ZMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757ZMT7 Datasheet(HTML) 82 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757ZMT7 Datasheet HTML 78Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 79Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 80Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 81Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 82Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 83Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 84Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 85Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 86Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 151 page
background image
GD32H757xx Datasheet
81
Granularity is 4096 bytes in RTDEC programmed areas.
Every area can be configured the independent 128-bits key, 16-bits area firmware
version, and 64-bits application-defined nonce.
Confidentiality and
completeness protection for encryption keys.
–
128-bits key registers are write-only, with software locking mechanism.
–
8-
bits CRC is calculated automatically by hardware, and it’s used as the public key
information.
The real-time decryption when OSPI memory-mapped read operations.
–
Use of AES-128 in CTR mode.
–
Support key stream FIFO with depth 4.
–
Support various read size.
–
Decryption / encryption with physical address of the reads.
Support for GD32 OSPI pre-fetching mechanism.
The real-time decryption (RTDEC) allows to decrypt in real-time according to information of
the read request address. RTDEC can configure four independent and different encrypted
areas. And each area has the option of execute-only or execute-never enforcement to choose.
For real-time performance, RTDEC uses the counter (CTR) mode of AES-128. Since RTDEC
using AES in counter mode, the whole area has to be re-encrypted with an updated
cryptographic context (key or initialization vector) when the data or code of one encrypted
area is changed. This feature makes RTDEC only suitable for decrypting read-only content,
like that stored in external flash.
3.44.
Filter arithmetic accelerator (FAC)
Fixed or float multiplier and accumulator.
256 x 32-bit local memory.
16-bit fixed-point or 32-bit float point input and output.
Up to three buffers, two input buffers and one output buffer.
Buffer can be circular.
FIR and IIR can be realized.
Vector functions support convolution, Dot product, correlation functions.
Data can be read and written through DMA.
The filter arithmetic accelerator unit consist of multiplier, accumulator and address generation
logic, so as to index vector elements stored in local memory. Circular buffering is valid for
both input and output, which allows to realize finite impulse response (FIR) filters and infinite
impulse response (IIR) filters. The unit support CPU to be free from frequent or lengthy filtering
operations, compared with software implementation, it can accelerate calculations and the
processing speed of time critical tasks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com