Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757ZMT7 Datasheet(PDF) 80 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757ZMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757ZMT7 Datasheet(HTML) 80 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757ZMT7 Datasheet HTML 76Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 77Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 78Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 79Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 80Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 81Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 82Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 83Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 84Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 151 page
background image
GD32H757xx Datasheet
79
Compliant with the ISO 11898-1:2015 standard.
Supports CAN FD frame with up to 64 data bytes, baudrate up to 8 Mbit/s.
Supports CAN classical frame with up to 8 data bytes, baudrate up to 1 Mbit/s.
Supports time stamp based on 16-bit free running counter.
Supports transmitter delay compensation for CAN FD frames at faster data rates.
Maskable interrupts.
Supports four communication mode: normal mode, Inactive mode, Loopback and silent
mode, and Monitor mode.
Supports two power saving modes: CAN_Deepsleep mode, and CAN_sleep mode.
Support two wakeup methods for waking up from Pretended Networking mode: wakeup
matching event, and wakup timeout event.
Global network time, synchronized by a specific message.
CAN bus (Controller Area Network) is a bus standard designed to allow microcontrollers and
devices to communicate with each other without a host computer. The CAN interface supports
the CAN 2.0A/B protocol, ISO 11898-1:2015 and BOSCH CAN FD specification.
The CAN module is a CAN Protocol controller with a very flexible mailbox system for
transmitting and receiving CAN frames. The mailbox system consists of a set of mailboxes
that store configuration and control data, timestamp, message ID, and data. The space of up
to 32 mailboxes can also be configured as Rx FIFO with ID filtering against up to 104 extended
IDs or 208 standard IDs or 416 partial 8-bit IDs, and configure receive FIFO/mailbox private
filter register for up to 32 ID filter table elements.
3.40.
Ethernet (ENET)
IEEE 802.3 compliant media access controller (MAC) for Ethernet LAN.
 10/100 Mbit/s rates
with dedicated DMA controller and SRAM.
Support hardware precision time protocol (PTP) with conformity to IEEE 1588.
The Ethernet media access controller (MAC) conforms to IEEE 802.3 specifications and fully
supports IEEE 1588 standards. The embedded MAC provides the interface to the required
external network physical interface (PHY) for LAN bus connection via a reduced media
independent interface (RMII). The number of RMII signals provided up to 7 with 50 MHz output.
The function of 32-bit CRC checking is also available.
3.41.
Comparator (CMP)
Rail-to-rail comparators.
Configurable hysteresis.
Configurable speed and consumption.
Each comparator has configurable analog input source.
Outputs with blanking source.
Outputs to I/O.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com