Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89010 Datasheet(PDF) 23 Page - ams-OSRAM AG

Part # AS89010
Description  16 bit 4-channel analog-to-digital converter (ADC) with I2C control/output
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS89010 Datasheet(HTML) 23 Page - ams-OSRAM AG

Back Button AS89010 Datasheet HTML 19Page - ams-OSRAM AG AS89010 Datasheet HTML 20Page - ams-OSRAM AG AS89010 Datasheet HTML 21Page - ams-OSRAM AG AS89010 Datasheet HTML 22Page - ams-OSRAM AG AS89010 Datasheet HTML 23Page - ams-OSRAM AG AS89010 Datasheet HTML 24Page - ams-OSRAM AG AS89010 Datasheet HTML 25Page - ams-OSRAM AG AS89010 Datasheet HTML 26Page - ams-OSRAM AG AS89010 Datasheet HTML 27Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
ams.com
db12348e_V3.11_preliminary_2017-07-06
Page 21 of 41
AS89010
V3.11
OPERATIONAL
STATE REGISTER
OSR
NAME
VALUE
[b]
AFFECTED OPERATIONAL STATE
Operational State
01020
operational state: configuration
011
operational state: measurement
1XX
reserved
DOS switches the operational state of the device between configuration and measurement. The
configuration state enables the access to the register bank (Table 7). No measurement takes place.
The measurements can only be performed in the measurement state and any access to the control register
bank (except OSR) is not permitted. The control register would be reset to their default values each time
the operational state is switched back to the configuration state.
The start of the measurement is controlled by the value of the SS bit. These signals are evaluated only in
the measurement state and only in the CONT and CMD Mode (refer to chapter 5.1).
The Power down mode is controlled by the PD value. The Power down takes effect in both operational
states. If the PD is active in the measurement state, the Power down would be performed only during the
breaks between two consequent conversions.
6.2.1 API Generation Register – AGEN
The value of this read only register indicates the generation of the Control Register Bank. The value of the
register changes whenever any formal modification is introduced to the Control Register Bank. This case
indicates that the Application Programming Interface (API) has been changed.
Table 9: AGEN register - Address 02h
AGEN
NAME
VALUE
[b]
DESCRIPTION
bit 7 to 4
DEVID
0010
Device ID number; the value 0010b is reserved for MCDC devices
bit 3 to 0
MUT
0000
Mutation number of Control Register Bank
6.2.2 Configuration Register – CREGL and CREGH
The configuration register CREGL mainly serves to define full-scale-range, sensitivity and conversion time
of the device.
Table 10: CREGL register - Address 06h
CREGL
NAME
VALUE [b]
AFFECTED CONFIGURATION
0
input current direction out of the IN0-IN4 pins (the cathodes of the
photodiode connected to the input pins)
122
input current direction into the IN0-IN4 pin (the anodes of the
photodiodes connected to the input pins)
ADC Reference
Current
IREF
ADC LSB Current (TINT=1024 ms)
000
20 nA
20 fA
001
80 nA
80 fA
010
320 nA
320 fA
22 Default after power-on-reset and state change from measurement to configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com