Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89010 Datasheet(PDF) 30 Page - ams-OSRAM AG

Part # AS89010
Description  16 bit 4-channel analog-to-digital converter (ADC) with I2C control/output
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS89010 Datasheet(HTML) 30 Page - ams-OSRAM AG

Back Button AS89010 Datasheet HTML 26Page - ams-OSRAM AG AS89010 Datasheet HTML 27Page - ams-OSRAM AG AS89010 Datasheet HTML 28Page - ams-OSRAM AG AS89010 Datasheet HTML 29Page - ams-OSRAM AG AS89010 Datasheet HTML 30Page - ams-OSRAM AG AS89010 Datasheet HTML 31Page - ams-OSRAM AG AS89010 Datasheet HTML 32Page - ams-OSRAM AG AS89010 Datasheet HTML 33Page - ams-OSRAM AG AS89010 Datasheet HTML 34Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
ams.com
db12348e_V3.11_preliminary_2017-07-06
Page 28 of 41
AS89010
V3.11
7.3 Packing Information
Standard packing is tape and reel. Otherwise it has to be discussed with our sales team.
Figure 17: Details for tape & reel
7.4 Soldering Information
Table 17: Profile features according JEDEC
IPC/JEDEC J-STD-
020D.1
(Pb-Free)
RECOMMENDED DATA
Time [s] from 150°C to 200°C (preheat)
60 - 120
100
Average ramp-up rate [°C/s]
(200°C to peak temperature)
max. 3.0
0,5 - 1,0
Liquid’s temperature [°C]
Time [s] above liquid’s (217°C)
217
60 - 150
217
110
TP Peak package body temperature [°C]
max. 260
≤ 260
Time [s] within 5°C of the classification temperature TC
min. 30
35 - 45
Average ramp-down rate [°C/s]
(Peak temperature to 200°C)
max. 6.0
3.0
Time [s] from 25°C to peak temperature
max. 480
350
PIN1
Tape draw out direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com