Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89010 Datasheet(PDF) 21 Page - ams-OSRAM AG

Part # AS89010
Description  16 bit 4-channel analog-to-digital converter (ADC) with I2C control/output
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS89010 Datasheet(HTML) 21 Page - ams-OSRAM AG

Back Button AS89010 Datasheet HTML 17Page - ams-OSRAM AG AS89010 Datasheet HTML 18Page - ams-OSRAM AG AS89010 Datasheet HTML 19Page - ams-OSRAM AG AS89010 Datasheet HTML 20Page - ams-OSRAM AG AS89010 Datasheet HTML 21Page - ams-OSRAM AG AS89010 Datasheet HTML 22Page - ams-OSRAM AG AS89010 Datasheet HTML 23Page - ams-OSRAM AG AS89010 Datasheet HTML 24Page - ams-OSRAM AG AS89010 Datasheet HTML 25Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
ams.com
db12348e_V3.11_preliminary_2017-07-06
Page 19 of 41
AS89010
V3.11
Figure 13: An example of configuration and measurement I²C sequences
S
1 1 1 0 1 A1 A0
0
A
A
CREGL
A
slave address
address CREGL
write CREGL
06h
CREGH
A
write CREGH
OPTREG
A
write OPTREG
BREAK
A
write BREAK
EDGES
A
write EDGES
P
. . .
cont.
. . .
cont.
write control register:
S
1 1 1 0 1 A1 A0
0
A
00h
A SS PD 0 0 0 0 1 1 A
slave address
OSR address
write OSR: meas. mode
go to measurement mode:
Figure 14 shows I²C sequence for starting a conversion in CMD or CONT Mode by setting the SS bit to '1'.
The two last bits of the OSR register could also be set to ‘00’ if the device is already in the measurement
mode.
Figure 14: Start conversion in CMD or CONT Mode
S
1 1 1 0 1 A1 A0
0
A
00h
A
1 PD 0 0 0 0 1 1
A
slave address
OSR address
write OSR: meas. mode
start single conversion in CMD mode, initialise conversion in CONT mode
S
1 1 1 0 1 A1 A0
0
A
A
CREGL
A
slave address
address CREGL
read CREGL
06h
CREGH
A
read CREGH
OPTREG
A
read OPTREG
BREAK
A
read BREAK
EDGES
NA
read EDGES
P
. . .
cont.
. . .
cont.
read control register:
Sr
1 1 1 0 1 A1 A0
slave address
1
A
S
1 1 1 0 1 A1 A0
0
A
A
OUT0[7:0]
A
slave address
address OUT0 register
read OUT0 low byte
00h
OUT0[15:8]
A
OUT1[7:0]
A
OUT1[15:8]
A
OUT3[15:8]
NA P
. . .
cont.
. . .
cont.
read conversion data:
Sr
1 1 1 0 1 A1 A0
slave address
1
read OUT0 high byte read OUT1 low byte read OUT1 high byte
. . .
read OUT3 high byte
A
data transfered from slave to master
data transfered from master to slave
A:
acknowledge
NA: not acknowledge
S: start cond.
Sr: repeated start cond.
P: stop cond.
S
1 1 1 0 1 A1 A0
0
A
00h
A
X PD 0 0 0 0 1 0
A
slave address
OSR address
write OSR: config. mode
go to configuration mode:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com