Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89010 Datasheet(PDF) 12 Page - ams-OSRAM AG

Part # AS89010
Description  16 bit 4-channel analog-to-digital converter (ADC) with I2C control/output
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS89010 Datasheet(HTML) 12 Page - ams-OSRAM AG

Back Button AS89010 Datasheet HTML 8Page - ams-OSRAM AG AS89010 Datasheet HTML 9Page - ams-OSRAM AG AS89010 Datasheet HTML 10Page - ams-OSRAM AG AS89010 Datasheet HTML 11Page - ams-OSRAM AG AS89010 Datasheet HTML 12Page - ams-OSRAM AG AS89010 Datasheet HTML 13Page - ams-OSRAM AG AS89010 Datasheet HTML 14Page - ams-OSRAM AG AS89010 Datasheet HTML 15Page - ams-OSRAM AG AS89010 Datasheet HTML 16Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
ams.com
db12348e_V3.11_preliminary_2017-07-06
Page 10 of 41
AS89010
V3.11
5.1.2 Command Measurement Mode (CMD Mode)
This measurement enables a ‘software start’ of single conversion. Each conversion starts by setting the
SS bit to ‘1’ of OSR register. However, actually start of conversion depends on the chosen Power down
activity. For further details see also Figure 21.
Figure 5: CMD Mode timing with activated Power down
power down
data
fetch
power down
power up
conversion
READY
OUT0..OUT3
TINT
STATE
I²C
activity
start (SS
← ’1')
If Power down has been activated (PD bit in OSR) the conversion starts after the Power-up, approximately
500 µs after the SS bit has been set (Figure 5). Otherwise it starts immediately after delay time defined
by the content of BREAK register which can be configured in 1 µs steps up to 255 µs (Figure 6).
The rising edge of READY signalizes the end of conversion and the output data can be read via the I²C-
Inteface (data fetch). After the conversion, the device returns to the Power down mode or stays active
waiting (idle) for a new action according to the programmed configuration. The conversion time (integration
time TINT) is determined by contents of the register CREGL:T (T).
Figure 6: CMD Mode timing without Power down
idle
idle
conversion
data
fetch
conversion
READY
OUT0..OUT3
TINT
STATE
I²C
activity
start (SS
← ’1')
start (SS
← ’1')
data
fetch
break time
break time
5.1.3 Synchronous Measurement Start Mode (SYNS Mode)
The input pin SYN acts as a trigger event for the conversion start. The falling edge starts the measurement.
The READY pin signalizes the progress of conversion, at rising edge the measurement is stopped and the
current conversion results are stored into output registers. Data fetch should be performed between the
rising edge of READY signal and the next falling edge of SYN in order to allow distortion free measurement.
After the conversion the device changes its state to Standby or stays active waiting (idle), according to
assignment of SB bit (CREGH register). The conversion time (integration time TINT) is determined by the
contents of register CREGL:T (T). For further details see also Figure 22.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com