Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89010 Datasheet(PDF) 8 Page - ams-OSRAM AG

Part # AS89010
Description  16 bit 4-channel analog-to-digital converter (ADC) with I2C control/output
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS89010 Datasheet(HTML) 8 Page - ams-OSRAM AG

Back Button AS89010 Datasheet HTML 4Page - ams-OSRAM AG AS89010 Datasheet HTML 5Page - ams-OSRAM AG AS89010 Datasheet HTML 6Page - ams-OSRAM AG AS89010 Datasheet HTML 7Page - ams-OSRAM AG AS89010 Datasheet HTML 8Page - ams-OSRAM AG AS89010 Datasheet HTML 9Page - ams-OSRAM AG AS89010 Datasheet HTML 10Page - ams-OSRAM AG AS89010 Datasheet HTML 11Page - ams-OSRAM AG AS89010 Datasheet HTML 12Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
ams.com
db12348e_V3.11_preliminary_2017-07-06
Page 6 of 41
AS89010
V3.11
PARAMETER
NAME
MIN
TYP
MAX
UNIT
CONDITION
Input Low Level
VIL
0.3
VDD
Output High Level
VOH
0.8
VDD
ILoad = 2.5 mA
Output Low Level
VOL
0.4
V
ILoad = 1.8 mA
Input Capacity at IN0 to IN3
CPD
80
pF
SCL frequency
fSCL
0
400
kHz
SCL high pulse width
tHIGH
0.6
µs
SCL high pulse width
tLOW
1.3
µs
SCL, SDA rise time
tR
0.3
µs
SCL, SDA fall time
tF
0.3
µs
Hold time start condition
tHD;STA
0.6
µs
Setup time start condition
tSU;STA
0.6
µs
Data hold time write7
tHD;DATM
0.02
0.9
µs
Data setup time
tSU;DAT
0.1
µs
Setup time stop condition
tSU;STO
0.6
µs
Bus free time between a stops and
start condition
tBUF
1.3
µs
SYN negative pulse width
tSYN
1.5
µs
SYN recognized as
start/end of
integration
Figure 1: I²C interface timing diagram
P
S
Sr
SCL
SDA
tR
tF
tHIGH
tLOW
S
tHD;DAT
tSU;DAT
tSU;STA
tHD;STA
tBUF
tSU;STO
S=start condition
Sr=repeated start condition
P=stop condition
7 Data transfer direction from Master to slave (AS89010) - Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com