Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89010 Datasheet(PDF) 9 Page - ams-OSRAM AG

Part # AS89010
Description  16 bit 4-channel analog-to-digital converter (ADC) with I2C control/output
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS89010 Datasheet(HTML) 9 Page - ams-OSRAM AG

Back Button AS89010 Datasheet HTML 5Page - ams-OSRAM AG AS89010 Datasheet HTML 6Page - ams-OSRAM AG AS89010 Datasheet HTML 7Page - ams-OSRAM AG AS89010 Datasheet HTML 8Page - ams-OSRAM AG AS89010 Datasheet HTML 9Page - ams-OSRAM AG AS89010 Datasheet HTML 10Page - ams-OSRAM AG AS89010 Datasheet HTML 11Page - ams-OSRAM AG AS89010 Datasheet HTML 12Page - ams-OSRAM AG AS89010 Datasheet HTML 13Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
ams.com
db12348e_V3.11_preliminary_2017-07-06
Page 7 of 41
AS89010
V3.11
2.3 Electrical Characteristics
Table 3: Specifications; VSSA=VSS=0 V; VDDA=VDD=2.7 V to 3.6 V REXT=3.3 MΩ; TAMB = –25°C to 85°C, unless
otherwise noted
PARAMETER
NAME
MIN
TYP
MAX
UNIT CONDITION
Analog Supply Current
IVDDA
0.72
1
mA
measurement active
Digital Supply Current
IVDD
0.23
0.29
mA
measurement active or
Standby mode
Power down Supply Current
IPD = IVDDA_PD + IVDD_PD
IPD
0.01
1
µA
Power down mode
Analog Standby Supply Current
IVDDA
_SBY
200
400
µA
Standby mode,
no measurement
Clock Frequency
fCLK
0.75
1.024
1.25
MHz
ADC Resolution
NR
10
20
bit
internal resolution
Conversion Time Tolerance
ΔTINT
-30
30
%
–40°C to 125°C
Integral Nonlinearity
INL
-0.2
-0.05
0.2
0.05
%
R=000b to 001b
R=010b to 100b
Differential Nonlinearity
DNL
0.9
LSB
no missing codes
Start Up Time from
Power down
TSTART
500
µS
pp to measurement start
SYN Trigger Delay
TSYNDEL
5
µs
from falling SYN edge to meas-
urement start
Full-Scale-Range Error
EIFSR
-5
6
%
referred to nominal value
Gain Error (CONT, CMD, SYNS,
SYND with processing of
OUTINT time)
EGAIN
-5
6
%
referred to nominal value
Gain Error (SYND without
processing of OUTINT time)
EGAIN
-20
20
%
referred to nominal value
Gain Matching Error8
EMATCH
-2
-1.5
2
1.5
%
R=000b
R=001b to 100b
Gain Temperature Drift
TCGAIN
50
200
ppm/
K
CONT, CMD, SYNS Mode
Gain Temperature Drift @ SYND TCGSYND
200
700
ppm/
K
SYND Mode
Effective Resolution
(TINT=64 ms, DIR=1)
ER
13.5
14.5
15.5
14
15
16
bit
R=000b
R=001b to 011b
R=100b
Data hold time read9
tHD;DATS 0.31
0.91
µs
8 Up to -1.5%...+1.5% for all gains available on request
9 Data transfer direction from slave (AS89010) to Master (Read). The AS89010 provides a hold time of at least 300 ns and maximum of
900 ns for the SDA signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com