Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89010 Datasheet(PDF) 22 Page - ams-OSRAM AG

Part # AS89010
Description  16 bit 4-channel analog-to-digital converter (ADC) with I2C control/output
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS89010 Datasheet(HTML) 22 Page - ams-OSRAM AG

Back Button AS89010 Datasheet HTML 18Page - ams-OSRAM AG AS89010 Datasheet HTML 19Page - ams-OSRAM AG AS89010 Datasheet HTML 20Page - ams-OSRAM AG AS89010 Datasheet HTML 21Page - ams-OSRAM AG AS89010 Datasheet HTML 22Page - ams-OSRAM AG AS89010 Datasheet HTML 23Page - ams-OSRAM AG AS89010 Datasheet HTML 24Page - ams-OSRAM AG AS89010 Datasheet HTML 25Page - ams-OSRAM AG AS89010 Datasheet HTML 26Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 43 page
background image
ams.com
db12348e_V3.11_preliminary_2017-07-06
Page 20 of 41
AS89010
V3.11
6 DESCRIPTION OF REGISTERS
6.1 Control Register Bank
AS89010 configuration and operational state are controlled by the registers
content defined in Table 7. The value size of all registers is 8 bit. Writing and
reading of all registers is implemented in byte.
Table 7: Register addressing space
ADDRESS
[hex]
ACCESS17
NAME
DEFAULT
[hex]
DESCRIPTION
00
wo
OSR
4218
operational state register
01
-
-
-
reserved
02
ro
AGEN
20
API generation
03
-
-
-
reserved
04
-
-
-
reserved
05
-
-
-
reserved
06
rw
CREGL
B6
configuration register
07
rw
CREGH
08
configuration register
08
rw
OPTREG
00
options register
09
rw
BREAK
20
break register
0A
rw
EDGES
01
edges register
6.2 Operational State Register – OSR
This write only register OSR19 controls the device operational state (DOS) of the AS89010 according to
Table 8. This register can be written at any time, independently of the actual operational state. Please note,
reading this register only results in 00 [hex] because the access is write only.
Table 8: OSR register - Address 00h
OPERATIONAL
STATE REGISTER
OSR
NAME
VALUE
[b]
AFFECTED OPERATIONAL STATE
020
stop measurement
1
start measurement
0
no Power down mode
121
activate Power down mode
bit 5 to 3
-
-
reserved
000
reserved
001
reserved
17 ro – Read-only, wo – Write-only, rw – Read-write
18 Reading register with access Write-only results in 00 [hex]
19 The OSR register of the AS89010 is Write-only. It’s not possible to readout the content of this register, sadly. Any readout this register
will always result the value 0.
20 Default after power-on-reset and state change from measurement to configuration.
21 Default after power-on-reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com