Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89010 Datasheet(PDF) 33 Page - ams-OSRAM AG

Part # AS89010
Description  16 bit 4-channel analog-to-digital converter (ADC) with I2C control/output
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS89010 Datasheet(HTML) 33 Page - ams-OSRAM AG

Back Button AS89010 Datasheet HTML 29Page - ams-OSRAM AG AS89010 Datasheet HTML 30Page - ams-OSRAM AG AS89010 Datasheet HTML 31Page - ams-OSRAM AG AS89010 Datasheet HTML 32Page - ams-OSRAM AG AS89010 Datasheet HTML 33Page - ams-OSRAM AG AS89010 Datasheet HTML 34Page - ams-OSRAM AG AS89010 Datasheet HTML 35Page - ams-OSRAM AG AS89010 Datasheet HTML 36Page - ams-OSRAM AG AS89010 Datasheet HTML 37Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
ams.com
db12348e_V3.11_preliminary_2017-07-06
Page 31 of 41
AS89010
V3.11
Figure 20 shows the schematic of an application specific board with a 4 channel sensor (e.g. Color Sensor
MTCSiCF of ams Sensors Germany but all statements are also valid for other similar sensors with current
output), AS89010 and environment of electronics e.g. power supply. Please make sure that all specified
components are operated in the application circuit according to their working range. For example, color
sensor (input current) and voltage regulators (workspace load current, separated analog and digital OR
decoupled power supplies base on a common regulator) are selected and to be operated according to the
parameters in the data sheet. Otherwise problems, noise or deviations can occur during operation.
Figure 20: Schematic of reference design
Note, X Y Z pins are the True Color Sensor signals, cathode is the common connector and TrD is an added-
isolation diode to split up the potential of the 3 functional PIN diodes XYZ. It has to be connected to the
same potential as the functional diodes - at IN3 of AS89010.
It is important to shield the single pin diodes for XYZ detection to minimize cross-talk among the 3 filtered
areas/diodes.
The next figures show principle steps of programming the command and continuous measurement mode
for SYNS and SYND Mode. Please note in configuration state the modifications for RAM must be adapted
specific to your application by parameters described in this data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com