Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89010 Datasheet(PDF) 26 Page - ams-OSRAM AG

Part # AS89010
Description  16 bit 4-channel analog-to-digital converter (ADC) with I2C control/output
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS89010 Datasheet(HTML) 26 Page - ams-OSRAM AG

Back Button AS89010 Datasheet HTML 22Page - ams-OSRAM AG AS89010 Datasheet HTML 23Page - ams-OSRAM AG AS89010 Datasheet HTML 24Page - ams-OSRAM AG AS89010 Datasheet HTML 25Page - ams-OSRAM AG AS89010 Datasheet HTML 26Page - ams-OSRAM AG AS89010 Datasheet HTML 27Page - ams-OSRAM AG AS89010 Datasheet HTML 28Page - ams-OSRAM AG AS89010 Datasheet HTML 29Page - ams-OSRAM AG AS89010 Datasheet HTML 30Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
ams.com
db12348e_V3.11_preliminary_2017-07-06
Page 24 of 41
AS89010
V3.11
6.2.3 Options Register - OPTREG
This register sets additional options of the device which can enhance performance according to the given
application.
Table 12: OPTREG register - Address 08h
OPTREG
NAME
VALUE
[b]
AFFECTED CONFIGURATION
bit 7 to 2
--
00000024 must be used
Offset Value
(conversion output for zero input current)
0024
0dec (disable offset generation)
01
15dec (in SYND Mode: TINT·fCLK /27)
10
31dec (in SYND Mode: TINT·fCLK /211)
11
63dec (in SYND Mode: TINT·fCLK /215)
The ZERO enables an internal offset generation to the input current and conversion result, too. It makes
the device able to measure very low e.g. zero input current even in presence of the negative leakage
current, which would normally lead to an underflow.
6.2.4 Register – BREAK
Table 13: BREAK register - Address 09h
BREAK
NAME
VALUE
[dec]
AFFECTED CONFIGURATION
bit 7 to 0
BREAK 1 - 255 break between measurements
(only in CONT measurement mode)
CONT: BREAK / fCLK typically; 5 µs to 1021 µs
in steps (1 µs + 4 µs * break time)
CMD: BREAK / fCLK typically; 1 µs to 255 µs in 1 µs steps
This register takes effect only in CONT and CMD measurement mode. In the CONT Mode it defines the
break between two consequent measurements25. In the CMD Mode it defines the delay between a command
for measurement start and the actually start of the measurement. This register gives a chance to the device
to perform the measurement in the time when no disturbances occur during the I²C communication. Value
of ‘0’ cannot be written and will be ignored. The default value is 20h.
24 Default after power-on-reset and state change from measurement to configuration.
25 In case of an active I²C communication the AS89010 should not be active in converting. Therefore the break time between two
measurements should be a minimum of >300 µs. (25 µs / Byte * (2 x 4 signal bytes+ 2 x control byte) * 1.25 clock tolerance).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com