Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89010 Datasheet(PDF) 14 Page - ams-OSRAM AG

Part # AS89010
Description  16 bit 4-channel analog-to-digital converter (ADC) with I2C control/output
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS89010 Datasheet(HTML) 14 Page - ams-OSRAM AG

Back Button AS89010 Datasheet HTML 10Page - ams-OSRAM AG AS89010 Datasheet HTML 11Page - ams-OSRAM AG AS89010 Datasheet HTML 12Page - ams-OSRAM AG AS89010 Datasheet HTML 13Page - ams-OSRAM AG AS89010 Datasheet HTML 14Page - ams-OSRAM AG AS89010 Datasheet HTML 15Page - ams-OSRAM AG AS89010 Datasheet HTML 16Page - ams-OSRAM AG AS89010 Datasheet HTML 17Page - ams-OSRAM AG AS89010 Datasheet HTML 18Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
ams.com
db12348e_V3.11_preliminary_2017-07-06
Page 12 of 41
AS89010
V3.11
Figure 10: SYND Mode timing with Power down, EDGES > 112
idle or
standby
conversion
conversion
idle or
standby
power down
SYN
OUT0..OUT3
STATE
I²C
activity
READY
start edge
stop edge
0
1
EDGES-1
EDGES
data
fetch
power down (PD <-
’1')
power up (PD <-
’0')
Between the subsequent conversions the device alters its state to Standby or idle according to assignment
of SB bit (CREGH register). In this measurement mode it is also possible to switch the device into Power
down. If the Power down is activated, the SYN signal would be ignored and no measurement will be
performed.
The conversion time (integration time TINT) is determined by the duration between start and stop edge of
the SYN signal. The distance between the falling edges determines the duration of the integration time
TINT. It is possible to set the number of edges after which the integration time is terminated. In this way,
the synchronization can be performed on different pulsed light sources. The minimum integration time TINT
is 90μs, which corresponds to a resolution of at least 6Bit. The maximum integration time is 800ms.
In order to prevent measurement failures as a result of 'gain changing' (register CREGL:R), it is
highly recommended to set the CMD mode or the Power down mode, before activating SYNS or
SYND mode. In the case of using the Power down modus, a startup time of 500µs has to be
respected to ensure that all parts of the AS89010 are fully functional again and the
measurement does not start before awaking the AS89010 (CMD and CONT mode).
This waiting time can be prevented by inserting a "dummy" CMD mode before SYNS or SYND.
Setting of Power down mode is not needed in this case.
5.2 Power Down
In Power down the clock generator and analog part of the device are turned off. The digital part stays idle,
the full communication via the I²C interface is granted. Reading of measurement data and start of a
measurement by setting the SS-Bit in CMD Mode is possible.
Power down is configured by the PD bit in OSR register (Table 8). By setting the OSR:PD bit to “1” the
AS89010 immediately changes to Power down. By resetting the OSR:PD bit to “0” the AS89010 changes
back to the measurement/idle or Standby depending on the settings of the CREGH register. This change
to the operational state is delayed by the Start up time of about 500µs to ensure that all parts of the
AS89010 are fully functional again. Only in the CMD measurement mode a single conversion can be started
during Power down state by setting the OSR:SS bit to 1. In this case the Start up time of 500 µs between
the I2C command and the start of the conversion becomes active too. After the conversion the AS89010
changes back into the Power down state.
5.3 Standby
In Standby only the A/D converters are powered down, thus the power consumption will be reduced. The
Standby operation can be configured by the SB bit of CREGH register (Table 11).
12 Dash lines indicate variable conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com