Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89010 Datasheet(PDF) 10 Page - ams-OSRAM AG

Part # AS89010
Description  16 bit 4-channel analog-to-digital converter (ADC) with I2C control/output
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS89010 Datasheet(HTML) 10 Page - ams-OSRAM AG

Back Button AS89010 Datasheet HTML 6Page - ams-OSRAM AG AS89010 Datasheet HTML 7Page - ams-OSRAM AG AS89010 Datasheet HTML 8Page - ams-OSRAM AG AS89010 Datasheet HTML 9Page - ams-OSRAM AG AS89010 Datasheet HTML 10Page - ams-OSRAM AG AS89010 Datasheet HTML 11Page - ams-OSRAM AG AS89010 Datasheet HTML 12Page - ams-OSRAM AG AS89010 Datasheet HTML 13Page - ams-OSRAM AG AS89010 Datasheet HTML 14Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
ams.com
db12348e_V3.11_preliminary_2017-07-06
Page 8 of 41
AS89010
V3.11
3 BLOCK DIAGRAM
The main components of the AS89010 are shown in Figure 2. The input currents are directly converted by
Delta-Sigma to digital converter. The reference current for the A/D converters and optionally the bias
voltage for the photodiodes VPD (see Figure 19) are provided by the internal reference generator10. The
results of the A/D conversion are stored in four 16 bit registers and can be accessed via I²C interface. The
input SYN can be used for an externally triggered start or start and stop of the measurement, the output
READY gives the information of the status of the conversion. The I²C slave address is set by pins A0 and
A1. Separated analog and digital power supply pins are used for noise decoupling.
Figure 2: Block diagram
Reference
Generator
4 x 16 Bit
Register
Control
Register
Integrating A/D
Converter
Control
Unit
I²C
Interface
SCL
SDA
IN0
IN1
IN2
IN3
VPD
VDDA
VSSA
READY
SYN
VDD
VSS
REXT
Clock
Generator
A0
A1
4 PIN ASSIGNMENT
The Pin assignment is shown in the following table.
Table 4: Pin assignment (Analog/Digital)
10 The external resistor REXT directly influences the generating of the reference current for the signal conversion. Therefore, the temper-
ature coefficient of resistance has an important role. The smaller the temperature coefficient and the resistor value tolerance (1% better
than 5%, etc.) result the more accurate the result of the converting.
PIN
TYPE
A/D
DESCRIPTION
VDDA
power
A
analog power supply voltage
VSSA
power
A
analog power supply voltage
VDD
power
D
digital power supply voltage (VDDA = VDD)
VSS
power
D
digital power supply voltage (VSSA = VSS)
IN0, IN1, IN2, IN3
input
A
input current
REXT
input
A
external resistor of 3.3 MΩ
VPD
output
A
photodiodes bias voltage (cathode or anode)
SCL
input
D
I²C clock input
SDA
input /
output
D
I²C data input / output, open drain output stage
SYN
input
D
externally controlled conversion
READY
output
D
conversion status, push pull output stage
A0, A1
input
D
variable I²C slave address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com