Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89010 Datasheet(PDF) 17 Page - ams-OSRAM AG

Part # AS89010
Description  16 bit 4-channel analog-to-digital converter (ADC) with I2C control/output
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS89010 Datasheet(HTML) 17 Page - ams-OSRAM AG

Back Button AS89010 Datasheet HTML 13Page - ams-OSRAM AG AS89010 Datasheet HTML 14Page - ams-OSRAM AG AS89010 Datasheet HTML 15Page - ams-OSRAM AG AS89010 Datasheet HTML 16Page - ams-OSRAM AG AS89010 Datasheet HTML 17Page - ams-OSRAM AG AS89010 Datasheet HTML 18Page - ams-OSRAM AG AS89010 Datasheet HTML 19Page - ams-OSRAM AG AS89010 Datasheet HTML 20Page - ams-OSRAM AG AS89010 Datasheet HTML 21Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 43 page
background image
ams.com
db12348e_V3.11_preliminary_2017-07-06
Page 15 of 41
AS89010
V3.11
5.4.1 Offset of the A/D Converter
Ideally no or a very small amount of offset would be presented in the conversion output. However, an offset
presented in input signal cannot be overcome. If an input leakage current occurs (at printed circuit board
for example), it is possible that input current takes negative sign and makes conversion unable to operate
for very low level currents. In such a case a well-known amount of an internal offset can be introduced in
order to add the positive offset to the A/D transfer characteristic. Therefore, even low level negative
currents can be measured precisely. This option should be set by configuring the ZERO values in OPT
register (Table 12).
For this case the output of the A/D conversion can be expressed as:
ZERO
CLK
IREF
IN
OUT
N
I
I
OUT
(5)
or for SYND Mode:
ZEROSYND
IREF
IN
ZEROSYND
CLK
CLK
IREF
IN
OUTINT
OUTINT
I
I
f
TINT
f
TINT
I
I
OUT
2
2
(6)
ZERO
OUT
: Offset in CONT, CMD and SYNS Mode: 0, 15, 31 or 63 depends on the ZERO values of
OPTREG
ZEROSYND: Offset factor in SYND Mode: TINT·fCLK /27, TINT·fCLK /211 or TINT·fCLK /215 depending on the
ZERO values of OPTREG
The offset generation is activated only for ZERO≠00b. Please note, the internally generated offset has to
be subtracted from the result value by the user specific control program. It will not be performed internally
or automatically
.
5.4.2 Divider
For the purpose to further expand the measurement ranges an internal implemented digital divider can be
used to scale the result. This may be necessary if the resolution of the conversion is set to a value of >16
bit. If the digital divider is used the conversion result is downscaled according to:
DIV
OUT
OUT
DIV 
.
(7)
DIV
OUT
: Digital output
DIV : Divider factor (2, 4, 8, 16), see Table 11
Therefore the divider acts as digital downscaling feature of the converter gain. It increases the
effective dynamic range of device without changing its sensitivity or integration time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com