Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89010 Datasheet(PDF) 29 Page - ams-OSRAM AG

Part # AS89010
Description  16 bit 4-channel analog-to-digital converter (ADC) with I2C control/output
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS89010 Datasheet(HTML) 29 Page - ams-OSRAM AG

Back Button AS89010 Datasheet HTML 25Page - ams-OSRAM AG AS89010 Datasheet HTML 26Page - ams-OSRAM AG AS89010 Datasheet HTML 27Page - ams-OSRAM AG AS89010 Datasheet HTML 28Page - ams-OSRAM AG AS89010 Datasheet HTML 29Page - ams-OSRAM AG AS89010 Datasheet HTML 30Page - ams-OSRAM AG AS89010 Datasheet HTML 31Page - ams-OSRAM AG AS89010 Datasheet HTML 32Page - ams-OSRAM AG AS89010 Datasheet HTML 33Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
ams.com
db12348e_V3.11_preliminary_2017-07-06
Page 27 of 41
AS89010
V3.11
7 PACKAGE
7.1 Shape and Dimensions
Figure 15: Shape for package
PIN 1
D
A
1
A
e
b
w
L
E
H
Table 16: Dimensions for package (dimensions – mm)
TYP
PACKAGE
D
E
H
A
A1
e
b
L
w
AS89010
SSOP16
JEDEC
MO-137
4.80
-
5.00
3.81
-
3.98
5.79
-
6.20
1.35
-
1.75
0.10
-
0.25
0.635
0.20
-
0.30
0.40
-
1.27
0
-
8
7.2 Pin Configuration
Figure 16: Pin configuration
1) As shown in the figure PIN 1
is located on the bottom of the
left corner of the outline.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com