Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89010 Datasheet(PDF) 15 Page - ams-OSRAM AG

Part # AS89010
Description  16 bit 4-channel analog-to-digital converter (ADC) with I2C control/output
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS89010 Datasheet(HTML) 15 Page - ams-OSRAM AG

Back Button AS89010 Datasheet HTML 11Page - ams-OSRAM AG AS89010 Datasheet HTML 12Page - ams-OSRAM AG AS89010 Datasheet HTML 13Page - ams-OSRAM AG AS89010 Datasheet HTML 14Page - ams-OSRAM AG AS89010 Datasheet HTML 15Page - ams-OSRAM AG AS89010 Datasheet HTML 16Page - ams-OSRAM AG AS89010 Datasheet HTML 17Page - ams-OSRAM AG AS89010 Datasheet HTML 18Page - ams-OSRAM AG AS89010 Datasheet HTML 19Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
ams.com
db12348e_V3.11_preliminary_2017-07-06
Page 13 of 41
AS89010
V3.11
In the CONT Mode the Standby is automatically deactivated by starting the measurement with setting the
OSR:SS bit to 1. If the OSR:SS bit is set to 0 the Standby becomes active again.
In the SYNS and SYND operation mode together with an activated Standby the start of the measurement
automatically deactivates the Standby bit in the CREGH register. In the CMD operation mode the Standby
cannot be activated.
5.4 A/D Conversion
In general the implemented A/D converter represents a delta-sigma converter, which performs and uses a
charge balancing between the input IIN and a reference current IREF as result OUT of ADC. The input current
integration takes place onto the integrator whose result is a pulse density modulated digital signal fCLK,
further filtered by up to 20 bit counter. At the end of integration the output OUT of this counter represents
a digital equivalent of the average input current IIN within the integration time interval TINT.
The transfer function of the A/D converter can be expressed as:
CLK
IREF
IN
N
I
I
OUT 
,
(1)
or:
CLK
IREF
IN
f
TINT
I
I
OUT
.
(2)
OUT : Digital output of conversion (corresponds to the content of output register)
IN
I
: Average input current within a conversion time interval
REF
I
: Reference current
TINT : Integration e.g. conversion time interval
CLK
N
: Number of clock cycles within the conversion time interval
CLK
f
: Clock frequency
In the CONT, CMD and SYNS Mode the integration time is internally generated13. Number of clock counts
within this interval is a constant number, so that output remains independent of clock frequency. In this
case an output can be represented by the equation (1).
In the SYND Mode integration time is externally generated, conversion result is represented by equation
(2). If the conversion time measurement is activated (CREGH:ENTM = ”1b”, see chapter 5.5), the number
of clock counts within the integration time can be also internally measured, so that conversion results may
be calculated as:
OUTINT
I
I
OUT
IREF
IN
.
(3)
OUTINT: Integration time duration expressed as the number of clock counts within this time. In this way
the input current can be measured independently of internal frequency and furthermore external integration
time variations in SYND Mode. The reference current and internal integration time are determined by the
13 The system clock is internally generated using an RC oscillator. It may have a little technological-inflicted tolerance, e.g. the exemplary
period of time may vary slightly. This must be considered when calculating the time to be programmed (e.g. BREAK or integration time).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com