Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89010 Datasheet(PDF) 20 Page - ams-OSRAM AG

Part # AS89010
Description  16 bit 4-channel analog-to-digital converter (ADC) with I2C control/output
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS89010 Datasheet(HTML) 20 Page - ams-OSRAM AG

Back Button AS89010 Datasheet HTML 16Page - ams-OSRAM AG AS89010 Datasheet HTML 17Page - ams-OSRAM AG AS89010 Datasheet HTML 18Page - ams-OSRAM AG AS89010 Datasheet HTML 19Page - ams-OSRAM AG AS89010 Datasheet HTML 20Page - ams-OSRAM AG AS89010 Datasheet HTML 21Page - ams-OSRAM AG AS89010 Datasheet HTML 22Page - ams-OSRAM AG AS89010 Datasheet HTML 23Page - ams-OSRAM AG AS89010 Datasheet HTML 24Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
ams.com
db12348e_V3.11_preliminary_2017-07-06
Page 18 of 41
AS89010
V3.11
5.6.3 I²C Addressable Register Space
Table 6 shows the overview of the internal register which can be accessed via I²C interface. The control
register bank can be accessed in the configuration state and these registers are all 8 bit long.
The output registers can only be accessed for read in the measurement state. They are 16 bit long, except
OUTINT which is 24 bit long. The device transfers the output data registers with the lowest byte first. The
output registers data transfer can start at any address. If the transfer starts not at address (hex) 00h and
during the sequential data read the highest possible address is arrived (ENTM=1: Address 04 with 3 byte;
ENTM=0: Address 03 with 2 byte), the internal pointer resets back to the address 00h so that next data
byte transferred corresponds to the low byte of OUT0. In this manner transfer continues with the first
register (OUT0). However, the maximum of number of output data transferred must not exceed a total
number of bytes accessible at all (8 bytes if integration time measurement is not activated otherwise
11 bytes). The OUTINT is only valid if CREGH:ENTM bit has been set.
Table 6: Register access overview
ADDRESS
[hex]
ACCESS IN CONFIGURATION STATE
ACCESS IN MEASUREMENT STATE
Write
Read
Write
Read
00
OSR
–
OSR
OUT0
01
–
–
OUT1
02
–
AGEN
–
OUT2
03
–
–
OUT3
04
–
–
OUTINT
05
–
–
–
06
CREGL
–
–
07
CREGH
–
–
08
OPTREG
–
–
09
BREAK
–
–
0A
EDGES
–
–
5.6.4 Examples of using I²C-interface
An example of usual I²C communication set of sequences is shown in Figure 13. After a Power-up, the
device is in a default configuration state. User can now set up the device for the application by writing
control register. Success of the configuration can be proven by reading the control register.
Before a measurement can be started, the device must change its state into the measurement mode. In
the last three bits of OSR ‘011b’ should be loaded. Now a conversion can be started, it will start accordingly
to the measurement mode selected by CREGH:MODE. When a conversion ends, rising edge of READY
signalizes this (not in SYND Mode), the conversion data can be read.
If a new configuration should be implemented, the device has to change its state back to configuration
mode, by loading ‘010b’ into the last three bits of OSR. At this action all control registers will reset to their
default values. New configuration can be made now.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com