Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89010 Datasheet(PDF) 25 Page - ams-OSRAM AG

Part # AS89010
Description  16 bit 4-channel analog-to-digital converter (ADC) with I2C control/output
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS89010 Datasheet(HTML) 25 Page - ams-OSRAM AG

Back Button AS89010 Datasheet HTML 21Page - ams-OSRAM AG AS89010 Datasheet HTML 22Page - ams-OSRAM AG AS89010 Datasheet HTML 23Page - ams-OSRAM AG AS89010 Datasheet HTML 24Page - ams-OSRAM AG AS89010 Datasheet HTML 25Page - ams-OSRAM AG AS89010 Datasheet HTML 26Page - ams-OSRAM AG AS89010 Datasheet HTML 27Page - ams-OSRAM AG AS89010 Datasheet HTML 28Page - ams-OSRAM AG AS89010 Datasheet HTML 29Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
ams.com
db12348e_V3.11_preliminary_2017-07-06
Page 23 of 41
AS89010
V3.11
CREGH
NAME
VALUE
[b]
AFFECTED CONFIGURATION
11
synchronous measurement start and stop (SYND)
0023
divide by 2
01
divide by 4
10
divide by 8
11
divide by 16
023
disable digital divider
1
enable digital divider
The measurement mode is controlled by the value of MODE. This assignment gives the opportunity to
accommodate the current measurement to the given application (see chapter 5.1 for more details).The
internally implemented divider which acts as digital downscaling of the converter gain can be set by the
bits ENDIV and DIV. The bit SB controls the Standby operation of the device. In SYND Mode the bit ENTM
enables the access to OUTINT to get time counts for internal measurement of the integration time, which
can be of special interest if this time has been externally controlled. The time is measured as the number
of internal clock counts with a width of up to 20 bit. The result is stored in register OUTINT that can be
accessed via I²C interface (refer to chapter 5.5 for more details).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com