Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89010 Datasheet(PDF) 40 Page - ams-OSRAM AG

Part # AS89010
Description  16 bit 4-channel analog-to-digital converter (ADC) with I2C control/output
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS89010 Datasheet(HTML) 40 Page - ams-OSRAM AG

Back Button AS89010 Datasheet HTML 35Page - ams-OSRAM AG AS89010 Datasheet HTML 36Page - ams-OSRAM AG AS89010 Datasheet HTML 37Page - ams-OSRAM AG AS89010 Datasheet HTML 38Page - ams-OSRAM AG AS89010 Datasheet HTML 39Page - ams-OSRAM AG AS89010 Datasheet HTML 40Page - ams-OSRAM AG AS89010 Datasheet HTML 41Page - ams-OSRAM AG AS89010 Datasheet HTML 42Page - ams-OSRAM AG AS89010 Datasheet HTML 43Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 40 / 43 page
background image
ams.com
db12348e_V3.11_preliminary_2017-07-06
Page 38 of 41
AS89010
V3.11
9 NOTES FOR PCB LAYOUT
The connections to the inputs IN0…IN3 of the AS89010 have to be protected against any
kind of electromagnetic coupling and have to be guarded with VRT potential to avoid leak-
age currents. Without guarding layers at the inputs the isolation resistance of the PCB
gives leakage currents with equivalent values like the sensor currents!
The analog supply for AS89010 must be placed as close as possible to the converter. The connection
between the analog and digital ground should be beneath (LP level) and/or near the AS89010.
Digital signals and circuit lines with high current loads must not be used directly beneath and next to the
photodiode sensor as well as the AS89010.
The AS89010 converter operates internally with minimal currents (pAmps). Therefore, protection measures
need to be performed to shield the ASIC against EMC stress or external interferences.
The connections between the photodiode sensor (anode and de) and the AS89010 should be as short as
possible (<10 mm) and without interlayer connections.
Photodiode Sensor, AS89010 and its REXT should be placed on the same PCB side. The signal VRT (common
cathode or common anode) should have the same cross-section as the four sensor connectors.
Around signal lines a conductor connected with VRT should be created. One level below the signals a VRT
potential area should be created that extends only to the analog inputs and the signal lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com