Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89010 Datasheet(PDF) 19 Page - ams-OSRAM AG

Part # AS89010
Description  16 bit 4-channel analog-to-digital converter (ADC) with I2C control/output
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS89010 Datasheet(HTML) 19 Page - ams-OSRAM AG

Back Button AS89010 Datasheet HTML 15Page - ams-OSRAM AG AS89010 Datasheet HTML 16Page - ams-OSRAM AG AS89010 Datasheet HTML 17Page - ams-OSRAM AG AS89010 Datasheet HTML 18Page - ams-OSRAM AG AS89010 Datasheet HTML 19Page - ams-OSRAM AG AS89010 Datasheet HTML 20Page - ams-OSRAM AG AS89010 Datasheet HTML 21Page - ams-OSRAM AG AS89010 Datasheet HTML 22Page - ams-OSRAM AG AS89010 Datasheet HTML 23Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
ams.com
db12348e_V3.11_preliminary_2017-07-06
Page 17 of 41
AS89010
V3.11
Figure 11: I²C bus data transfer
1
2
8
9
R/W
ACK
1
2
8
9
ACK
DATA
7
SLAVE ADDRESS
Sr or P
slave acknowledge
receiver acknowledge
1 1 1 0 1 A1 A0
S or Sr
Figure 12: Write and read data sequences
S SLAVE ADDR. R/W A
0
REG ADDR.
A
DATA
A
DATA
A
P
write sequence:
. . .
S SLAVE ADDR. R/W A
0
REG ADDR.
A
DATA
A
DATA
NA P
read sequence:
. . .
Sr SLAVE ADDR. R/W
1
data transfered from slave to master
data transfered from master to slave
A:
acknowledge
NA: not acknowledge
S: start cond.
Sr: repeated start cond.
P: stop cond.
A
5.6.1 Write Protocol
The start byte consists of the slave address, followed by
W
R/
set to set to ‘0’ for the write direction. The
first byte after the start byte is always the address pointer to the internal register which the master wants
to write. The device acknowledges this byte (REG ADDR. in Figure 12). If the master generates a stop
condition the transfer is aborted and a new write sequence must be started from the beginning. If master
sends the next byte, this one will be stored in the internal register, addressed by the address pointer (REG
ADDR.). The device sends acknowledge and internally increments the address pointer by 1. Then each next
data byte transferred from the master will be stored sequentially in the internal register.
5.6.2 Read Protocol
The slave address is followed by
W
R/
set to ‘0’ for the write direction. The first transferred byte after the
start byte is always the address pointer to the internal register the master wants to read. The device
acknowledges this byte (REG ADDR. see Figure 12). The master sends a repeated start condition and
repeats the slave address but with the
W
R/
bit reversed. The slave acknowledges this byte and starts the
data transfer to the master. The first transferred byte is the content of the internal register which is pointed
by address pointer. Each transferred byte is acknowledged by the master. If not acknowledge occurs the
master sends as next the stop condition and the transfer is finished. Internal address pointer increments
carries out that the subsequent transferred data are sequentially read out from internal register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com