Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS89010 Datasheet(PDF) 6 Page - ams-OSRAM AG

Part # AS89010
Description  16 bit 4-channel analog-to-digital converter (ADC) with I2C control/output
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS89010 Datasheet(HTML) 6 Page - ams-OSRAM AG

Back Button AS89010 Datasheet HTML 2Page - ams-OSRAM AG AS89010 Datasheet HTML 3Page - ams-OSRAM AG AS89010 Datasheet HTML 4Page - ams-OSRAM AG AS89010 Datasheet HTML 5Page - ams-OSRAM AG AS89010 Datasheet HTML 6Page - ams-OSRAM AG AS89010 Datasheet HTML 7Page - ams-OSRAM AG AS89010 Datasheet HTML 8Page - ams-OSRAM AG AS89010 Datasheet HTML 9Page - ams-OSRAM AG AS89010 Datasheet HTML 10Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
ams.com
db12348e_V3.11_preliminary_2017-07-06
Page 4 of 41
AS89010
V3.11
1 GENERAL DESCRIPTION
The ASIC AS89010 is a low noise sensor interface application specific standard product (ASSP) and suitable
for coupling of multi-channel optical sensors or sensors using current output. It converts input currents of
for example photodiodes (both polarities) to a digital output and realizes a continuous or triggered
measurement via current integration. Optional the integration time and sensitivity can be controlled by
external programming to extend the internal functions and parameters. The four signal channels convert
directly and simultaneously the input currents to a digital representation of the measured average. The
channels may be divided into three signal channels and one dummy channel for compensation of parasitic
currents. This ASIC is especially suitable for signal conditioning of photodiodes of array sensors like color
or other optical sensors with maximum of 4 channels per chip1. A configurable conversion gain factor and
integration time support a dynamic range2 of 1 - 2.68E+08 and achieves an accuracy of up to 16 bit signal
resolution with sensitivity up to 20 fA/LSB.
The internal reference generations offers a high reliability. The converter is insensitive to a 50 Hz/60 Hz
external disturbances and was especially designed to accommodate high accuracy at high sensitivity
offering high robustness. Automatic Power down (sleep function) between subsequent measurements offers
operation with very low current c60onsumption. Further, it offers a wide range of reference currents
(1.25 nA to 5 µA), integration times (1 ms to 1 s), synchronized mode and other control modes adjustable
by user programming. The conversion data can be accessed via 16 bit/400 kHz fast I²C Interface with
programmable slave addresses. Measurement of actual integration time for a full triggered measurement
can be performed.
AS89010’s supported operating modes depending on required performance:
▪
CMD Mode – single measurement and conversion (controlled via I²C bus),
▪
CONT Mode - continuous measurement and conversion (periodically recurring measuring cycles)
until “Stop” controlled via I²C bus,
▪
SYN[x] modes - synchronized measurement and conversion:
–
[SYNS Mode] synchronization of start,
–
[SYND Mode] synchronization of start and stop of measuring cycle on the falling edge of the
SYN pin.
The settings for the input current range and integration time are not affected by alternative modes. Further
the converter supports functions like Power down and Standby. It represents a low power solution and is
also suitable for mobile applications.
Based on the high flexibility the AS89010 is suitable as converter for a width range of multi-channel sensors
with current output. The device achieves a high dynamic range especially in (back) light applications and
in measurements of integral intensity of pulsed light. The combination of ams Sensors Germany’s color
sensors with AS89010 is excellently suited for photometry applications (brightness, color coordinate and/or
color temperature), for determining current values for control of spectrally mixed LED light sources or as
sensors for display and (back)light calibration and mobile devices for light measurement. The sensor signal
IC is available in SMD housing or can be supplied as a bare die.
1 Upon consideration of that I²C address more ASICs may be used in parallel to a sensor to convert more than 4 sensor channels. In that
case special operating notes must be considered.
2
������������������������������������������ ������������������������������ =
������������������ ������������������������������������������������������������������ ������������������������������ = ������������������. ������������������������ ������������������������������ ������������������������������
������������������ ������������������������������������������������������������������ ������������������������������ = ������������������. ������������������������������ ������������������������������������������������������������������ ������������������



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com