Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2E Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # RZ/G2E
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2E Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button RZ/G2E Datasheet HTML 25Page - Renesas Technology Corp RZ/G2E Datasheet HTML 26Page - Renesas Technology Corp RZ/G2E Datasheet HTML 27Page - Renesas Technology Corp RZ/G2E Datasheet HTML 28Page - Renesas Technology Corp RZ/G2E Datasheet HTML 29Page - Renesas Technology Corp RZ/G2E Datasheet HTML 30Page - Renesas Technology Corp RZ/G2E Datasheet HTML 31Page - Renesas Technology Corp RZ/G2E Datasheet HTML 32Page - Renesas Technology Corp RZ/G2E Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 1 Overview
R01DS0483EJ0101 Rev.1.01
Page 29 of 169
Jun 30, 2025
Figure 1.2-3
RZ/G2N (R8A774Bx) Block Diagram
Figure 1.2-4
RZ/G2E (R8A774C0) Block Diagram
System controller
System RAM: 384KB
Thermal Sensor
JTAG Debug
(CoreSightTM)
26 x 32bit Timer
15 x 32bit Interval
WDT
7 x PWM out
2 x PCIe (Rev2.0, 1lane)
USB3.0/2.0 (DRD)
2xUSB2.0(1H,1H/F/OTG)
Ethernet AVB (1Gbps)
2x CAN2.0B
6x UART, 5x H-UART,
4x SPI,
7x I2C; 1x DVFS ctrl
32bit x1ch LPDDR4-3200
(ECC)
Access cache
2x eMMC (5.0, HS400)
4x SDIO (SDR104)
16bit ExtBus/SRAM
1xQSPI (4/8 bit selectable)
or 1xHyperflash
Audio router w/10 ASRC,
mixer, 10 I2S (6ch TDM),
90ch Audio DMA
PowerVR GE7800
2D/3D tile based 600MHz
Up to 4K resolution
(2 channels)
Crypto engine
(AES, DES, Hash, RSA, TRNG)
3x Display Out
1x Digital out, 1x LVDS,
1x HDMI
8x Video In
2x MIPI-CSI2
(1x4L, 1x2L)
2x Digital
2x Video Signal Processor
1x Fine Display Processor
System
Timers
Audio IPs
Secure IP
3D Graphics
Video Codec
Video IP
CPU
2x Cortex
®-A57 1.5GHz
1x Cortex®-R7 800MHz
L1 I$ 48KB
L1 D$ 32KB
NeonTM/VFPv4
L2 cache: 1MB with ECC
Connectivity
Memory I/F
L1 I$ 32KB
L1 D$ 32KB
VFPv3-D16
I-TCM 32KB, D-TCM 32KB with ECC
Raw NAND
(8/16bit, ONFI 1.x,
ECC 1-8bits)
SATA (Rev3.2)(shared)
System controller
System RAM: 128KB
Thermal Sensor
JTAG Debug
(CoreSightTM)
26 x 32bit Timer
15 x 32bit Interval
WDT
7 x PWM out
1 x PCIe (Rev2.0, 1lane)
USB3.0/2.0 (DRD)
USB2.0(1H/F)
Ethernet AVB (1Gbps)
2x CAN2.0B
6x UART, 5x H-UART,
4x SPI,
8x I2C; 1x DVFS ctrl
32bit x DDR3L-1866
(ECC)
Access cache
eMMC (5.0, HS400)
3x SDIO (SDR104)
16bit ExtBus/SRAM
1xQSPI (4/8 bit selectable)
or 1xHyperflash
Audio router w/10 ASRC,
mixer, 10 I2S (6ch TDM),
45ch Audio DMA
PowerVR GE8300
2D/3D tile based 600MHz
Up to FHD resolution
Crypto engine
(AES, DES, Hash, RSA, TRNG)
2x Display Out
(2x LVDS or
1x LVDS+1x DRGB)
2x Video In
1x MIPI-CSI2(1x2L)
1x Digital
2x Video Signal Processor
1x Fine Display Processor
System
Timers
Audio IPs
Secure IP
3D Graphics
Video Codec
Video IP
CPU
2x Cortex
®-A53 1.2GHz
L1 I$ 32KB
L1 D$ 32KB
NeonTM/VFPv4
L2 cache: 256KB with ECC
Connectivity
Memory I/F
Raw NAND
(8/16bit, ONFI 1.x,
ECC 1-8bits)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com