Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2E Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # RZ/G2E
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2E Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button RZ/G2E Datasheet HTML 7Page - Renesas Technology Corp RZ/G2E Datasheet HTML 8Page - Renesas Technology Corp RZ/G2E Datasheet HTML 9Page - Renesas Technology Corp RZ/G2E Datasheet HTML 10Page - Renesas Technology Corp RZ/G2E Datasheet HTML 11Page - Renesas Technology Corp RZ/G2E Datasheet HTML 12Page - Renesas Technology Corp RZ/G2E Datasheet HTML 13Page - Renesas Technology Corp RZ/G2E Datasheet HTML 14Page - Renesas Technology Corp RZ/G2E Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 1 Overview
R01DS0483EJ0101 Rev.1.01
Page 11 of 169
Jun 30, 2025
Item
Description
Display Unit (DU)
(For All Products)
Display channel
RZ/G2H RZ/G2M V1.3 RZ/G2M V3.0 RZ/G2N
3 independently controllable channels
RZ/G2E
2 independently controllable channels
Interface
RZ/G2H RZ/G2M V1.3 RZ/G2M V3.0 RZ/G2N
• HDMI 1 channel (option)
• LVDS 1 channel
RZ/G2E
• LVDS 2 channels
RZ/G2H RZ/G2M V1.3 RZ/G2M V3.0 RZ/G2N RZ/G2E
• Digital RGB 1 channel
(8-bit precision for each RGB color)
LVDS interface (per
channel)
• Output: compliant with TIA/EIA-644; five pairs of differential
output (four pairs of data and one pair of clock)
• Operating frequency: Dotclk 150 MHz
HDMI (option)
RZ/G2H RZ/G2M V1.3 RZ/G2M V3.0 RZ/G2N
• Support HDMI 1.4b class transfer rate, up to 3D format
1080p60/4Kp30
• Dotclk 297 MHz
Screen size and
number of composite
planes per channel
RZ/G2H RZ/G2M V1.3 RZ/G2M V3.0 RZ/G2N
• Maximum screen size: 3840 × 2160
RZ/G2E
• Maximum screen size: 1920 × 1080 (also depends on frame
rate)
RZ/G2H RZ/G2M V1.3 RZ/G2M V3.0 RZ/G2N RZ/G2E
• Number of planes specifiable: 5 (VSP2 processing)
• Number of planes specifiable: 1 (DU)
CRT scanning
method
Non-interlaced
Synchronization
method
Master
Internal color palette
(VSP2)
• Includes four color palette planes which can display 256 of 260
thousands colors at the same time.
Output display
numbers
RZ/G2H RZ/G2M V1.3 RZ/G2M V3.0 RZ/G2N
• Three output channels (resolutions for different displays)
RZ/G2E
• Two output channels
RZ/G2H RZ/G2M V1.3 RZ/G2M V3.0 RZ/G2N
• Output on rising and falling edges of the synchronizing signal
(resolution for the same display)
RZ/G2H RZ/G2M V1.3 RZ/G2M V3.0 RZ/G2N RZ/G2E
• 8-bit precision for each RGB color
Blending ratio
settings (VSP2)
Number of color palette planes with blending ratio: 4
Dot clock
Switchable between external input and internal clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com