Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2E Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # RZ/G2E
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2E Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button RZ/G2E Datasheet HTML 16Page - Renesas Technology Corp RZ/G2E Datasheet HTML 17Page - Renesas Technology Corp RZ/G2E Datasheet HTML 18Page - Renesas Technology Corp RZ/G2E Datasheet HTML 19Page - Renesas Technology Corp RZ/G2E Datasheet HTML 20Page - Renesas Technology Corp RZ/G2E Datasheet HTML 21Page - Renesas Technology Corp RZ/G2E Datasheet HTML 22Page - Renesas Technology Corp RZ/G2E Datasheet HTML 23Page - Renesas Technology Corp RZ/G2E Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 1 Overview
R01DS0483EJ0101 Rev.1.01
Page 20 of 169
Jun 30, 2025
Item
Description
Serial Sound Interface Unit
(SSIU)
(For All Products)
Overall
specification
RZ/G2H RZ/G2M V1.3 RZ/G2M V3.0 RZ/G2N RZ/G2E
• Includes ten SSI modules functioning as interfaces with external
devices.
— Supports short and long formats for monaural
— Supports TDM format (six modules of ten modules can be
used for this function)
RZ/G2H RZ/G2M V1.3 RZ/G2M V3.0 RZ/G2N
• Max. 16 independent monaural sound sources in a TDM format
can be in TDM format.
RZ/G2E
• Max. 8 independent monaural sound sources in a TDM format can
be in TDM format.
Serial sound
interface (SSI)
• 10 channels
• Max. SCK frequency 15.1 MHz (for slave input) or 12.5 MHz (for
master output)
• Operating mode: non-compressed mode (Not support compressed
mode)
• Supports versatile serial audio formats (I2S/left justified/right
justified)
• Supports master/slave functions
• Programmable word clock, bit clock generation functions
• Multichannel format functions (up to four channels)
• Supports 8-/16-/18-/20-/22-/24-bit data formats
• Supports TDM mode
• Supports WS continue mode
• The DMA controller or interrupts control the transfer of data to and
from the SSI module.
• Supports short and long frames for monaural data (valid data
lengths are 8 and 16 bits)
• Up to nine independent clock signals can be input.
Audio Clock Generator
(ADG)
(For All Products)
Selection or division of audio clock signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com