Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2E Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # RZ/G2E
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2E Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button RZ/G2E Datasheet HTML 32Page - Renesas Technology Corp RZ/G2E Datasheet HTML 33Page - Renesas Technology Corp RZ/G2E Datasheet HTML 34Page - Renesas Technology Corp RZ/G2E Datasheet HTML 35Page - Renesas Technology Corp RZ/G2E Datasheet HTML 36Page - Renesas Technology Corp RZ/G2E Datasheet HTML 37Page - Renesas Technology Corp RZ/G2E Datasheet HTML 38Page - Renesas Technology Corp RZ/G2E Datasheet HTML 39Page - Renesas Technology Corp RZ/G2E Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 3. Electrical Characteristics
R01DS0483EJ0101 Rev.1.01
Page 36 of 169
Jun 30, 2025
Table 3.1.2
Absolute Maximum Ratings for [RZ/G2E]
Item
Value
Unit
Remarks
Power supply voltage (3.3 V)
(VDDQ33, VDDQ25_AVB0,
VDDQ_SDn (n = 0, 1, 3), VDDQ_QSPI,
VDDQ33_USB2)
-0.3 to +4.6
V
*1
Power supply voltage (2.5 V) (VDDQ25_AVB0)
-0.3 to +3.3
V
*2
Power supply voltage (1.8 V)
(VDDQ18, VDD18_CPGPLLn (n = 0, 1, 3)
VDDQ18_LVDS, VDD18_LVDSnPLL (n = 0, 1),
VDDQ18_CSI0, VDDQ18_USB20,
VDDQ18_USB30, VDDQ18_PCIE0,
VDDQ18_MLBPLL, VDDQ_MAPLL,
VDDQ_SDn (n = 0, 1, 3), VDDQ18_ISO,
VDDQ_MDPLLn (n = 0, 1), AVDD_USB,
VDDQ_QSPI)
-0.3 to +2.5
V
*3
Power supply voltage (1.35 V)
(VDDQ_CK, VDDQ_DDR)
-0.3 to + 1.75
V
*4
Power supply voltage (1.0 V) (VDD, VDDD_USB30,
VDDD_PCIE0)
-0.3 to + 1.26
V
Input voltage (3.3-V I/O)
-0.3 to VDDQ33 + 0.3
V
*1
Input voltage (3.3-V I/O [AVB0])
-0.3 to VDDQ25_AVB0 + 0.3
V
*1
Input voltage (3.3-V I/O [VDDQ_SD])
-0.3 to VDDQ_SDn + 0.3
(n = 0, 1, 3)
V
*1
Input voltage (3.3-V I/O [VDDQ_QSPI])
-0.3 to VDDQ_QSPI + 0.3
V
*1
Input voltage (2.5-V I/O [AVB0])
-0.3 to VDDQ25_AVB0 + 0.3
V
*2
Input voltage (1.8-V I/O)
-0.3 to VDDQ18 + 0.3
V
*3
Input voltage (1.8-V I/O [VDDQ_SD])
-0.3 to VDDQ_SDn + 0.3
(n = 0, 1, 3)
V
*1
Input voltage (1.8-V I/O [VDDQ_QSPI])
-0.3 to VDDQ_QSPI + 0.3
V
*1
Input voltage (1.35-V I/O [VDDQ_DDR])
-0.3 to VDDQ_DDR + 0.3
V
*4
Output voltage (3.3-V I/O)
-0.3 to VDDQ33 + 0.3
V
*1
Output voltage (3.3-V I/O [AVB0])
-0.3 to VDDQ25_AVB0 + 0.3
V
*1
Output voltage (3.3-V I/O [VDDQ_SD])
-0.3 to VDDQ_SDn + 0.3
(n = 0, 1, 3)
V
*1
Output voltage (3.3-V I/O [VDDQ_QSPI])
-0.3 to VDDQ_QSPI + 0.3
V
*1
Output voltage (2.5-V I/O [AVB0])
-0.3 to VDDQ25_AVB0 + 0.3
V
*2
Output voltage (1.8-V I/O)
-0.3 to VDDQ18 + 0.3
V
*3
Output voltage (1.8-V I/O [VDDQ18_LVDS])
-0.3 to VDDQ18_LVDS + 0.3
V
*3
Output voltage (1.8-V I/O [VDDQ_SD])
-0.3 to VDDQ_SDn + 0.3
(n = 0, 1, 3)
V
*1
Output voltage (1.8-V I/O [VDDQ_QSPI])
-0.3 to VDDQ_QSPI + 0.3
V
*1
Output voltage (1.35-V I/O [VDDQ_DDR])
-0.3 to VDDQ_DDR + 0.3
V
*4
Operating temperature
-40 to +85
°C
Ta (ambient)
-40 to +115
°C
Tj (junction)
Maximum rating temperature
-40 to +125
°C
Tj (junction)
RZ/G2H
RZ/G2M V1.3
RZ/G2N
RZ/G2E
RZ/G2M V3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com