Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2E Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # RZ/G2E
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2E Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button RZ/G2E Datasheet HTML 68Page - Renesas Technology Corp RZ/G2E Datasheet HTML 69Page - Renesas Technology Corp RZ/G2E Datasheet HTML 70Page - Renesas Technology Corp RZ/G2E Datasheet HTML 71Page - Renesas Technology Corp RZ/G2E Datasheet HTML 72Page - Renesas Technology Corp RZ/G2E Datasheet HTML 73Page - Renesas Technology Corp RZ/G2E Datasheet HTML 74Page - Renesas Technology Corp RZ/G2E Datasheet HTML 75Page - Renesas Technology Corp RZ/G2E Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 3. Electrical Characteristics
R01DS0483EJ0101 Rev.1.01
Page 72 of 169
Jun 30, 2025
Item
Symbol
Min.
Typ.
Max.
Unit
Measurement
conditions
Remarks
High Hi-Z leak
current
IOZH
—
—
4
μA
VDDQ_DDR =
VDDQ_CK =
1.450 V
Other than
MZQ and
MVREF pins
Low Hi-Z leak
current
IOZL
-4
—
—
μA
High Hi-Z leak
current
IOZH
—
—
5
μA
MZQ pin
Low Hi-Z leak
current
IOZL
-5
—
—
μA
High Hi-Z leak
current
IOZH
—
—
25
μA
—
MVREF pin
Low Hi-Z leak
current
IOZL
-25
—
—
μA
—
Pin capacitance
CL
—
—
15
pF
—
All pins*3
PLL power supply
*4
1.7
1.8
1.9
V
—
—
Notes: 1. Peak to peak ac noise on VREF may not exceed ± 2 % of VREF.
2. The VIX (AC) indicates the voltage at which differential input signals cross each other. The typical value of VIX
(AC) is expected to be 0.5 × VDDQ_DDR.
3. Except power supply pins.
4. VDDQ_MAPLL, VDDQ_MDPLL0, VDDQ_MDPLL1 pins.
Table 3.4.21 DDR3L Interface ODT Characteristics
Item
Symbol Min.
Typ.
Max.
Unit
Measurement
conditions
Remarks
Termination voltage
Vtt
VREF –
0.04
VREF
VREF +
0.04
V
VDD = 1.0 Vtyp,
VDDQ_DDR =
VDDQ_CK =
1.283 to 1.450 V
—
ODT resistance
(60 Ω)
RTT60
54.0
—
96.0
Ω
—
ODT resistance
(40 Ω)
RTT40
36.0
—
64.0
Ω
—
VM deviation
ΔVM
-7
—
+7
%
*
Note:
*
VM is a voltage value measured with the ODT turned on without any load applied to this LSI chip. ΔVM is
obtained by the following formula:
ΔVM = (2 × VM / VDDQ_DDR -1) × 100
RZ/G2H
RZ/G2M V1.3
RZ/G2N
RZ/G2E
RZ/G2M V3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com