Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2E Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RZ/G2E
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2E Datasheet(HTML) 5 Page - Renesas Technology Corp

  RZ/G2E Datasheet HTML 1Page - Renesas Technology Corp RZ/G2E Datasheet HTML 2Page - Renesas Technology Corp RZ/G2E Datasheet HTML 3Page - Renesas Technology Corp RZ/G2E Datasheet HTML 4Page - Renesas Technology Corp RZ/G2E Datasheet HTML 5Page - Renesas Technology Corp RZ/G2E Datasheet HTML 6Page - Renesas Technology Corp RZ/G2E Datasheet HTML 7Page - Renesas Technology Corp RZ/G2E Datasheet HTML 8Page - Renesas Technology Corp RZ/G2E Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 1 Overview
R01DS0483EJ0101 Rev.1.01
Page 5 of 169
Jun 30, 2025
1.1.3
External Bus Module
Item
Description
External Bus
Controller for EX-
Bus (LBSC)
(For All Products)
• EX-BUS interface: max. 16-bit bus
RZ/G2H RZ/G2M V1.3 RZ/G2M V3.0 RZ/G2N
• Frequency: 66 MHz or 44.4 MHz
RZ/G2E
• Frequency: 66 MHz
RZ/G2H RZ/G2M V1.3 RZ/G2M V3.0 RZ/G2N RZ/G2E
• External area divided into several areas and managed
— Allocation to space of area 0, area 1
— Area 0 supports 1-MByte memory space (startup mode).
— I/F settings, bus width settings, and wait state insertion are possible for each area.
• SRAM interface
— Wait states can be inserted through register settings.
Period of waiting is set in cycle unit, and the maximum value is 15.
— EX_WAIT pin can be used for wait state insertion.
— Connectable bus widths: 16 bits or 8 bits
• Supports external buffer enable/direction control
• Supports Burst ROM interface
• Supports Byte-control SRAM interface
External Flash
Controller
(For All Products)
• Supports RPC-IF (Reduced Pin Count interface) flash memory or QSPI flash memory
RZ/G2H RZ/G2M V1.3 RZ/G2M V3.0 RZ/G2N
Max. Frequency 160 MHz (320MB/s) for RPC-IF, 80 MHz (80MB/s)* for QSPI (QSPI0)
RZ/G2E
Max. Frequency 150 MHz (300MB/s) for RPC-IF, 80 MHz (80MB/s) for QSPI (QSPI0)
RZ/G2H RZ/G2M V1.3 RZ/G2M V3.0 RZ/G2N RZ/G2E
Dual QSPI operation for two 4-bit serial flash memories is also available; 80 MHz (160MB/s)*
for Dual QSPI (QSPI0+QSPI1).
Note. *: For RZ/G2M V1.3, 40MB/s for QSPI, 80MB/s for dual QSPI.
The RZ/G2M V1.3 does not support QSPI-DDR operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com