Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2E Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # RZ/G2E
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2E Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button RZ/G2E Datasheet HTML 27Page - Renesas Technology Corp RZ/G2E Datasheet HTML 28Page - Renesas Technology Corp RZ/G2E Datasheet HTML 29Page - Renesas Technology Corp RZ/G2E Datasheet HTML 30Page - Renesas Technology Corp RZ/G2E Datasheet HTML 31Page - Renesas Technology Corp RZ/G2E Datasheet HTML 32Page - Renesas Technology Corp RZ/G2E Datasheet HTML 33Page - Renesas Technology Corp RZ/G2E Datasheet HTML 34Page - Renesas Technology Corp RZ/G2E Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 1 Overview
R01DS0483EJ0101 Rev.1.01
Page 31 of 169
Jun 30, 2025
1.4
Function Comparison
Items
RZ/G2H
RZ/G2M
RZ/G2N
RZ/G2E
CPU
(Cortex-A)
4× Cortex-A57 @1.5GHz
4×Cortex-A53 @1.2GHz
(35.6 k DMIPS)
L1, L2 Parity/ECC
2× Cortex-A57 @1.5GHz
4× Cortex-A53 @1.2GHz
(23.3 k DMIPS)
L1, L2 Parity/ECC
2× Cortex-A57 @1.5GHz
(12.3 k DMIPS)
L1, L2 Parity/ECC
2× Cortex-A53 @1.2GHz
(5.5 k DMIPS)
L1, L2 Parity/ECC
CPU
(Cortex-R)
1 x Cortex-R7 @800MHz
L1, TCM w/ECC
DRAM I/F
32bit×2ch LPDDR4 (3200)
32bit ×1ch LPDDR4
(3200)
32bit ×1ch DDR3L (1856)
Video in
2×MIPI-CSI2, 2xDigital (RGB/YcbCr) up to 8input image can be captured
1×MIPI-CSI2, 1×Digital
(RGB/YcbCr) up to 2 input
image can be captured
Video
Codec
Support up to 4k resolutions Decoding : H265,
Encoding and Decoding : H.264
Support up to FHD resolutions
Decoding : H265,
Encoding and Decoding : H.264
3D GFX
PowerVR GX6650
@600 MHz
PowerVR GX6250
@600 MHz
PowerVR GE7800
@600 MHz
PowerVR GE8300
@600 MHz
Display
out
1×HDMI, 1×LVDS,
1×Digital RGB
2×LVDS or 1×LVDS,
1× Digital RGB
USB
USB2.0×2ch (1×Host, 1×Host/Function/OTG)
USB3.0/2.0×1ch (DRD)
USB2.0×1ch (Host/Function)
USB3.0/2.0 ×1ch (DRD)
Gbit Ether
1ch
CAN
2ch (support CAN-FD)
PCIe
2ch (Rev.2.0 Lane×1)
one of the 2ch is shared
with SATA
2ch (Rev.2.0 Lane×1)
2ch (Rev.2.0 Lane×1)
one of the 2ch is shared
with SATA
1ch (Rev.2.0 Lane×1)
SATA
1ch (Pin Shared)
No
1ch (Pin Shared)
No
Package
1022 pin FCBGA,
29mm × 29mm,
0.8mm ball pitch
552 pin FCBGA
21mm × 21mm,
0.8mm ball pitch
Figure 1.4-1 Functional difference of RZ/G Series, 2nd Generation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com