Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2E Datasheet(PDF) 81 Page - Renesas Technology Corp

Part # RZ/G2E
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2E Datasheet(HTML) 81 Page - Renesas Technology Corp

Back Button RZ/G2E Datasheet HTML 77Page - Renesas Technology Corp RZ/G2E Datasheet HTML 78Page - Renesas Technology Corp RZ/G2E Datasheet HTML 79Page - Renesas Technology Corp RZ/G2E Datasheet HTML 80Page - Renesas Technology Corp RZ/G2E Datasheet HTML 81Page - Renesas Technology Corp RZ/G2E Datasheet HTML 82Page - Renesas Technology Corp RZ/G2E Datasheet HTML 83Page - Renesas Technology Corp RZ/G2E Datasheet HTML 84Page - Renesas Technology Corp RZ/G2E Datasheet HTML 85Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 3. Electrical Characteristics
R01DS0483EJ0101 Rev.1.01
Page 81 of 169
Jun 30, 2025
3.7
EXTAL Clock Input/output Timing
3.7.1
EXTAL Clock Input Timing
Table 3.7.1
EXTAL Clock Input Timing
Conditions: VDDQ18 = 1.8 V ± 0.1 V, GND = VSS = 0 V, Ta = -40 to +85 °C, Tj = -40 to +115 °C
Item
Symbol
Min.
Typ.
Max.
Unit
Remarks
Figures
EXTAL clock input frequency
fEX
—
48
—
MHz
Frequency
deviation:
±100 ppm or
less
—
EXTAL clock input cycle time
tEXcyc
—
20.83
—
ns
Figure
3.7.1
EXTAL clock input duty cycle time
tEXduty
0.4
0.5
0.6
tEXcyc —
EXTAL clock input low-level pulse width
tEXL
5
—
—
ns
—
EXTAL clock input high-level pulse width
tEXH
5
—
—
ns
—
EXTAL clock input rise time
tEXr
—
—
4
ns
—
EXTAL clock input fall time
tEXf
—
—
4
ns
—
Note:
Set the MD9 pin to L (low) during power-on reset when using the EXTAL pin as external clock input and the XTAL
pin must be open.
Figure 3.7.1 EXTAL Clock Input Timing
EXTAL
(input)
1/2VDDQ18
VIH
VIH
VIH
VIL
VIL
1/2VDDQ18
tEXcyc
tEXduty
tEXduty
tEXH
tEXL
tEXf
tEXr
RZ/G2H
RZ/G2M V1.3
RZ/G2N
RZ/G2E
RZ/G2M V3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com