Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2E Datasheet(PDF) 70 Page - Renesas Technology Corp

Part # RZ/G2E
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2E Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button RZ/G2E Datasheet HTML 66Page - Renesas Technology Corp RZ/G2E Datasheet HTML 67Page - Renesas Technology Corp RZ/G2E Datasheet HTML 68Page - Renesas Technology Corp RZ/G2E Datasheet HTML 69Page - Renesas Technology Corp RZ/G2E Datasheet HTML 70Page - Renesas Technology Corp RZ/G2E Datasheet HTML 71Page - Renesas Technology Corp RZ/G2E Datasheet HTML 72Page - Renesas Technology Corp RZ/G2E Datasheet HTML 73Page - Renesas Technology Corp RZ/G2E Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 3. Electrical Characteristics
R01DS0483EJ0101 Rev.1.01
Page 70 of 169
Jun 30, 2025
Table 3.4.19 DC Characteristics (Hot Plug Detect Signal for HDMI)
Item
Symbol
Min.
Typ.
Max.
Unit
Measurement
conditions
Remarks
High voltage level
HPDVH
2.0
—
5.3
V
—
Minimum rise time for
HPD voltage > 4 μs
Low voltage level
HPDVL
0
—
0.8
V
—
Please confirm HPD section of HDMI specification. (Note that many Sink device simply connect the HPD signal to the
+5V Power signal through a 1000 Ω resistor.)
Figure 3.4.1 Balanced Source Test Load for HDMI
Figure 3.4.2 Single-ended Differential Signal for HDMI
AVcc
Pattern
TX
Board
TP1
Termination
resistance RT
Termination
resistance RT
AVcc
Vswing
VH
VL
VOFF
AVcc
RZ/G2H
RZ/G2M V1.3
RZ/G2N
RZ/G2E
RZ/G2M V3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com