Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2E Datasheet(PDF) 93 Page - Renesas Technology Corp

Part # RZ/G2E
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2E Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button RZ/G2E Datasheet HTML 89Page - Renesas Technology Corp RZ/G2E Datasheet HTML 90Page - Renesas Technology Corp RZ/G2E Datasheet HTML 91Page - Renesas Technology Corp RZ/G2E Datasheet HTML 92Page - Renesas Technology Corp RZ/G2E Datasheet HTML 93Page - Renesas Technology Corp RZ/G2E Datasheet HTML 94Page - Renesas Technology Corp RZ/G2E Datasheet HTML 95Page - Renesas Technology Corp RZ/G2E Datasheet HTML 96Page - Renesas Technology Corp RZ/G2E Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 3. Electrical Characteristics
R01DS0483EJ0101 Rev.1.01
Page 93 of 169
Jun 30, 2025
Item
Symbol
Min.
Typ.
Max.
Unit
Figures
EXHSYNC# input low level width
tEXHLW
4tDCYC
—
—
ns
Figure 3.13.5
[RZ/G2H,
RZ/G2M V1.3,
RZ/G2M V3.0,
RZ/G2N]
EXHSYNC# input high level width tEXHHW
4tDCYC
—
—
Ns
EXVSYNC# input low level width
tEXVLW
3HC
—
—
tDCYC
ODDF# setup time 1*2
tOD1
(ys+yw) × HC
—
—
tDCYC
ODDF# setup time 2*2
tOD2
1HC
—
—
tDCYC
Notes: 1. For correspondence between these signals and pin names, refer to Table 3.13.4.
2. ys, yw and HC in Min value of ODDF# setup time 1 and ODDF# setup time 2 (tOD1 and tOD2).
ys: From rise of VSYNC to display start position in the vertical direction of the display screen (unit: raster line)
yw: Vertical display period of display screen (unit: raster line)
HC: Horizontal scan period (unit: dot clock)
3. Set bit 25 in ESCRn to B’0(Initial value). (n = 3[RZ/G2H, RZ/G2N], n = 2[RZ/G2M V1.3, RZ/G2M V3.0],
n = 0 and 1[RZ/G2E])
4. Set bit 25 in ESCRn to B’1. (n = 3 [RZ/G2N] )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com