Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2E Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # RZ/G2E
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2E Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button RZ/G2E Datasheet HTML 22Page - Renesas Technology Corp RZ/G2E Datasheet HTML 23Page - Renesas Technology Corp RZ/G2E Datasheet HTML 24Page - Renesas Technology Corp RZ/G2E Datasheet HTML 25Page - Renesas Technology Corp RZ/G2E Datasheet HTML 26Page - Renesas Technology Corp RZ/G2E Datasheet HTML 27Page - Renesas Technology Corp RZ/G2E Datasheet HTML 28Page - Renesas Technology Corp RZ/G2E Datasheet HTML 29Page - Renesas Technology Corp RZ/G2E Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 1 Overview
R01DS0483EJ0101 Rev.1.01
Page 26 of 169
Jun 30, 2025
Item
Description
Serial communication
interface with FIFO
(SCIF)
(For All Products)
Overall
specification
• 6 channels
• Asynchronous, clock-synchronized modes
• Asynchronous serial communication mode
The SCIF performs serial data communication based on a character-
by-character asynchronous system. This feature enables serial data
communication with standard asynchronous communication chips
that support Universal Asynchronous Receiver/Transmitter (UART)
or Asynchronous Communication Interface Adapter (ACIA). There is
a choice of eight serial data transfer formats.
— Data length: 7 bits or 8 bits
— Stop bits: 1 bit or 2 bits
— Parity: Even/odd/none
— Receive error detection: Parity, framing, and overrun errors
— Break detection:
A break is detected when a framing error lasts for more than 1
frame length at Space 0 (low level).
When a framing error occurs, a break can also be detected by
reading the RX pin level directly from the serial port register
(SCSPTR).
• Clock synchronous serial communication mode
The SCIF performs serial data communication synchronized with a
clock. This feature enables serial data communication with other LSIs
that support synchronous communication. There is a single serial data
communication format for clock synchronous serial communication.
— Data length: 8 bits
— Receive error detection: Overrun errors
• Full-duplex communication capability
The SCIF has an independent transmitter and receiver that enable
simultaneous transmission and reception. The transmitter and
receiver both have a 16-stage FIFO buffer structure, enabling
continuous serial data transmission and reception.
• On-chip baud rate generator, enabling any bit rate to be selected
The SCIF enables choice of a clock source for transmission/reception:
a clock from the on-chip baud rate generator based on the internal
clock or an external clock.
• Eight interrupt sources
The SCIF has eight types of interrupt sources. receive-data-ready,
receive-FIFO-data-full, break, transmit-FIFO-data-empty, transmit-
end, receive-error, overrun-error and time-out and enables any of
them to be requested independently.
• DMA data transfer
When the transmit FIFO register is empty or the receive FIFO
register has received data, issuing a DMA transfer request activates
the DMA controller (DMAC) to execute a data transfer.
• In asynchronous mode using channels 0, 1, 3, and 4, modem control
functions (RTS and CTS) are stored.
• RTS and CTS are not implemented for SCIF2 and SCIF5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com