Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2E Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # RZ/G2E
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2E Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button RZ/G2E Datasheet HTML 23Page - Renesas Technology Corp RZ/G2E Datasheet HTML 24Page - Renesas Technology Corp RZ/G2E Datasheet HTML 25Page - Renesas Technology Corp RZ/G2E Datasheet HTML 26Page - Renesas Technology Corp RZ/G2E Datasheet HTML 27Page - Renesas Technology Corp RZ/G2E Datasheet HTML 28Page - Renesas Technology Corp RZ/G2E Datasheet HTML 29Page - Renesas Technology Corp RZ/G2E Datasheet HTML 30Page - Renesas Technology Corp RZ/G2E Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 1 Overview
R01DS0483EJ0101 Rev.1.01
Page 27 of 169
Jun 30, 2025
Item
Description
Serial Communication
Interface with FIFO
(SCIF)
(For All Products)
Overall
specification
• The amount of data in the transmit/receive FIFO registers and the
number of receive errors in receive data in the receive FIFO register
are available.
• In asynchronous mode, a receive data ready (DR) or a timeout error
(TO) can be detected during reception.
Clock-Synchronized
Serial Interface with
FIFO (MSIOF)
(For All Products)
• 4 channels
• Internal 32-bit × 64-stage transmit FIFOs/internal 32-bit × 256-stage receive FIFOs
• Supports master and slave modes
• Internal prescaler
RZ/G2H
• Supports serial formats: SPI (master and slave modes)
RZ/G2M V1.3 RZ/G2M V3.0 RZ/G2N RZ/G2E
• Supports serial formats: IIS, SPI (master and slave modes)
• Interrupt request, DMAC request
High Speed Serial
Communication
Interface with FIFO
(HSCIF)
(For All Products)
• 5 channels
• Asynchronous serial communication mode
• Capable of full-duplex communication
• On-chip baud rate generator, enabling any bit rate to be selected
• Eight interrupt sources
• DMA data transfer
• Modem control functions (HRTS# and HCTS#) are stored.
• The amount of data in the transmit/receive FIFO registers and the number of receive errors
in receive data in the receive FIFO register are available.
• A receive data ready (DR) or a timeout error (TO) can be detected during reception.
PWM
(For All Products)
• 7 channels
• High-level width (10 bits) of PWM output can be set.
• Output cycle periods (10 bits) of PWM can be set.
• Periods in the range from two to 224 × 1023 cycles of the Pϕ clock can be set.
• Continuous pulse or single pulse output selectable
1.1.13
Others
Item
Description
Boundary Scan
(For All Products:
option)
• Boundary scan based on IEEE 1149.1 via JTAG interface is supported.
Note that some module pins are not available on this boundary scan.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com