Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2E Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # RZ/G2E
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2E Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button RZ/G2E Datasheet HTML 73Page - Renesas Technology Corp RZ/G2E Datasheet HTML 74Page - Renesas Technology Corp RZ/G2E Datasheet HTML 75Page - Renesas Technology Corp RZ/G2E Datasheet HTML 76Page - Renesas Technology Corp RZ/G2E Datasheet HTML 77Page - Renesas Technology Corp RZ/G2E Datasheet HTML 78Page - Renesas Technology Corp RZ/G2E Datasheet HTML 79Page - Renesas Technology Corp RZ/G2E Datasheet HTML 80Page - Renesas Technology Corp RZ/G2E Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 3. Electrical Characteristics
R01DS0483EJ0101 Rev.1.01
Page 77 of 169
Jun 30, 2025
3.5 Clock and Reset Timings
Table 3.5.1
Clock and Reset Timing
Conditions: VDDQ33 = 3.3 V ± 0.2 V [RZ/G2H, RZ/G2M V1.3, RZ/G2M V3.0, RZ/G2N] / ± 0.3 V [RZ/G2E],
VDDQ18 = 1.8 V ± 0.1 V, GND = VSS = 0 V,
Tc = -40 to +115 °C [RZ/G2H, RZ/G2M V1.3]
Ta = -40 to +85 °C [RZ/G2M V3.0, RZ/G2N, RZ/G2E],
Tj = -40 to +115 °C [RZ/G2M V3.0, RZ/G2N, RZ/G2E]
Pin
Item
Symbol
Min.
Max.
Unit
Figures
PRESET#,
EXTAL
Power-on oscillation
settling time
(Period from power and
EXTAL stable clock input
to PRESET# rise.)
tOSC
5
—
ms
Figure 3.5.1
T
0*2
*3
ms
Mode signal*1
MD reset setup time
tMDRS
5
—
ms
Mode signal*1
MD reset hold time
tMDRH
3
—
ns
Notes: 1. MDn (n = 0, 1, 2 ...) and MDT [1:0]. For details of mode signals, refer to section 3, 4, 5 and.6, Mode Pin
Settings.
2: Using 0 stabilization time requires an external clock. For mode setting refer to Table 11.3 MD9 Settings in
RZ/G 2nd Generation, User’s Manual: Hardware.
3: The oscillation stabilization time differs according to matching with the external resonator circuit. It is
recommended to determine the oscillation stabilization time by a crystal resonator matching test.
For details of the stabilization time “T”, please contact the crystal manufacture.
VDD,
VCCQ18/VDDQ18,
VCCQ\VDDQ.
VDD_CPGPLL min.
PRESET#
EXTAL
Mode signal pins
(all but MD9 high)
Notes 1: For EXTAL s waveform
Since the unstable oscillation exists when using a crystal resonator, wait for T until clock is stabilized.
T depends on the circuit on the board.
2: For PRESET# input.
Note electromagnetic noise because that may cause malfunctions of the LSI.
Note an intermediate voltage level input because that may influence the long-term reliability of the LSI.
unstable
*1
*2
T
- - -
tMDRS
- - -
- - -
- - -
- - -
- - -
tMDRH
- - -
- - -
tOSC
- - -
- - -
3: Voltage rails VDDQ_DU/VDDQ_VIN01 relates to the Mode Pin supply rails
- VDDQ33 for RZ/G2H/G2M/G2N/G2E.
.
MD9 pin = Crystal Mode
tMDRH
*3
Figure 3.5.1 Reset when Turning on Power Supply (PRESET# vs EXTAL and Mode signal)
RZ/G2H
RZ/G2M V1.3
RZ/G2N
RZ/G2E
RZ/G2M V3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com