Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2E Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # RZ/G2E
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2E Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button RZ/G2E Datasheet HTML 14Page - Renesas Technology Corp RZ/G2E Datasheet HTML 15Page - Renesas Technology Corp RZ/G2E Datasheet HTML 16Page - Renesas Technology Corp RZ/G2E Datasheet HTML 17Page - Renesas Technology Corp RZ/G2E Datasheet HTML 18Page - Renesas Technology Corp RZ/G2E Datasheet HTML 19Page - Renesas Technology Corp RZ/G2E Datasheet HTML 20Page - Renesas Technology Corp RZ/G2E Datasheet HTML 21Page - Renesas Technology Corp RZ/G2E Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 1 Overview
R01DS0483EJ0101 Rev.1.01
Page 18 of 169
Jun 30, 2025
Item
Description
Video Decoding Processor
for inter-device video transfer
(iVDP1C)
(For All Products)
• Low-latency decoder H.264/AVC, JPEG
• Color format 4:2:0/4:2:2
• Bit depth 8/10/12bits
• Performance:
RZ/G2H RZ/G2M V1.3 RZ/G2M V3.0 RZ/G2N
1280 pixels × 960 lines × 30 frames/second × 4 channels
(regardless of when VCP4 is used or not)
RZ/G2E
1280 pixels × 960 lines × 30 frames/second × 2 channels
(when VCP4 is not used)
1280 pixels × 960 lines × 30 frames/second × 1 channel
(when VCP4 is used)
RZ/G2H RZ/G2M V1.3 RZ/G2M V3.0 RZ/G2N RZ/G2E
• Max. resolution:
1920 pixels × 1088 lines
• Includes its own reference data cache
• Lossless image compression for reference picture is supported if bit depth is 8 bits
Use the software from Renesas to handle iVDP1C functions.
Fine Display Processor
(FDP1)
(For All Products)
The FDP1 is the de-interlacing module which converts the interlaced video to
progressive video, and has the following features.
RZ/G2H
(1) Supports 2 channels
500 Mpix/s for output performance per 1 FDP1
RZ/G2M V1.3 RZ/G2M V3.0 RZ/G2N
(1) Supports 1 channel
500 Mpix/s for output performance per 1 FDP1
RZ/G2E
(1) Supports 1 channel
125 Mpix/s for output performance per 1 FDP1
RZ/G2H RZ/G2M V1.3 RZ/G2M V3.0 RZ/G2N RZ/G2E
(2) Supports various data formats
— Input: YCbCr444/422/420
— Output: YCbCr444/422/420 and RGB/αRGB
(3) 8190 pixels x 8190 lines video processing performance
(4) High image quality de-interlacing algorithm
— Motion adaptive de-interlacing
— Accurate still detection
— Diagonal line interpolation (DLI)
(5) Visual near lossless image compression supported
50% of bandwidth is diminished



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com