Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2E Datasheet(PDF) 67 Page - Renesas Technology Corp

Part # RZ/G2E
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2E Datasheet(HTML) 67 Page - Renesas Technology Corp

Back Button RZ/G2E Datasheet HTML 63Page - Renesas Technology Corp RZ/G2E Datasheet HTML 64Page - Renesas Technology Corp RZ/G2E Datasheet HTML 65Page - Renesas Technology Corp RZ/G2E Datasheet HTML 66Page - Renesas Technology Corp RZ/G2E Datasheet HTML 67Page - Renesas Technology Corp RZ/G2E Datasheet HTML 68Page - Renesas Technology Corp RZ/G2E Datasheet HTML 69Page - Renesas Technology Corp RZ/G2E Datasheet HTML 70Page - Renesas Technology Corp RZ/G2E Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 3. Electrical Characteristics
R01DS0483EJ0101 Rev.1.01
Page 67 of 169
Jun 30, 2025
Table 3.4.15 DC Characteristics (1.8-V I/O [CSI2])
Item
Symbol
Min.
Typ.
Max.
Unit
Measurement condition Remarks
Input signal voltage
range
VPIN
-50
—
1350
mV
—
—
Input leakage
current
ILEAK
-10
—
10
uA
VGNDSH(min) ≤ VPIN ≤
VGNDSH(max) + VPIN(absmax)
Lane module in LP
receive mode
—
Ground shift
VGNDSH
-50
—
50
mV
—
—
transient pin voltage
level
VPIN(absmax)
-0.15
—
1.45
V
—
—
Differential input
high threshold
VIDTH
—
—
70
mV
—
HS Receiver
Differential input low
threshold
VIDTL
-70
—
—
mV
—
HS Receiver
Single-ended input
high voltage
VIHHS
—
—
460
mV
—
HS Receiver
Single-ended input
low voltage
VILHS
-40
—
—
mV
—
HS Receiver
Input common
mode voltage
VCMRX(DC)
70
—
330
mV
—
HS Receiver
Differential input
impedance
ZID
80
—
125
Ω
—
HS Receiver
Input low voltage
VIL
—
—
550
mV
—
LP Receiver
Input high voltage
VIH
880
—
—
mV
—
LP Receiver
Input hysteresis
VHYST
25
—
—
mV
—
LP Receiver
RZ/G2H
RZ/G2M V1.3
RZ/G2N
RZ/G2E
RZ/G2M V3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com