Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2E Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # RZ/G2E
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2E Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button RZ/G2E Datasheet HTML 36Page - Renesas Technology Corp RZ/G2E Datasheet HTML 37Page - Renesas Technology Corp RZ/G2E Datasheet HTML 38Page - Renesas Technology Corp RZ/G2E Datasheet HTML 39Page - Renesas Technology Corp RZ/G2E Datasheet HTML 40Page - Renesas Technology Corp RZ/G2E Datasheet HTML 41Page - Renesas Technology Corp RZ/G2E Datasheet HTML 42Page - Renesas Technology Corp RZ/G2E Datasheet HTML 43Page - Renesas Technology Corp RZ/G2E Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 3. Electrical Characteristics
R01DS0483EJ0101 Rev.1.01
Page 40 of 169
Jun 30, 2025
Table 3.2.2
Power Supply for [RZ/G2E]
Item
Symbol
Voltage
Unit
Remarks
Min.
Typ.
Max.
Power supply (Internal)
VDD
0.98
1.03
1.08
V
VDD for power supply and VSS
for ground
Power supply (PLL[CPG])
VDD18_CPGPLLn
(n = 0, 1, 3)
1.7
1.8
1.9
V
VDD18_CPGPLLn (n = 0, 1, 3)
for power supply and
VSS_CPGPLLn (n = 0, 1, 3)
Power supply (PLL[MLB])
VDD18_MLBPLL
1.7
1.8
1.9
V
VDD18_MLBPLL for power
supply and VSS_MLBPLL for
ground
Power supply
(1.8-V I/O[VDDQ18])
VDDQ18
1.7
1.8
1.9
V
VDDQ18 for power supply and
VSS for ground
Power supply
(1.8-V I/O [VDDQ18_ISO])
VDDQ18_ISO
1.7
1.8
1.9
V
VDDQ18_ISO for power supply
and VSS for ground
Power supply
(1.8-V I/O[CSI])
VDDQ18_CSI0
1.7
1.8
1.9
V
VDDQ18_CSI0 for power supply
and VSS for ground
Power supply
(1.8-V I/O[LVDS])
VDDQ18_LVDS
1.7
1.8
1.9
V
VDDQ18_LVDS for power
supply and VSS for ground
Power supply (PLL[LVDS])
VDD18_LVDSnPL
L (n = 0, 1)
1.7
1.8
1.9
V
VDD18_LVDSnPLL (n = 0, 1)
for power supply and
VSS_LVDSnPLL (n = 0, 1) for
ground respectively
Power supply
(2.5-V I/O[AVB0])
VDDQ25_AVB0
2.3
2.5
2.7
V
VDDQ25_AVB0 for power
supply and VSS for ground
Power supply
(3.3-V I/O[AVB0])
VDDQ25_AVB0
3.0
3.3
3.6
V
VDDQ25_AVB0 for power
supply and VSS for ground
Power supply (3.3-V I/O)
VDDQ33
3.0
3.3
3.6
V
VDDQ33 for power supply and
VSS for ground
Power supply
(1.35-V I/O[DDR])
VDDQ_CK,
VDDQ_DDR
1.283
1.35
1.45
V
VDDQ_CK, VDDQ_DDR for
power supply and VSS for
ground
Power supply
(1.8-V I/O[SD])
VDDQ_SDn
(n = 0, 1, 3)
1.7
1.8
1.9
V
VDDQ_SDn (n = 0, 1, 3)
for power supply and
VSS for ground respectively
Power supply
(1.8-V I/O[QSPI])
VDDQ_QSPI
1.7
1.8
1.9
V
VDDQ_QSPI for power supply
and VSS for ground respectively
Power supply
(3.3-V I/O[SD]
VDDQ_SDn
(n = 0, 1, 3)
3.0
3.3
3.6
V
VDDQ_SDn (n = 0, 1, 3)
for power supply and
VSS for ground respectively
Power supply
(3.3-V I/O[QSPI])
VDDQ_QSPI
3.0
3.3
3.6
V
VDDQ_QSPI
for power supply and
VSS for ground respectively
Power supply (PLL)
VDDQ_ MAPLL
1.7
1.8
1.9
V
VDDQ_MAPLL for power supply
and VSS for ground respectively
Power supply (PLL)
VDDQ_MDPLLn
(n = 0, 1)
1.7
1.8
1.9
V
VDDQ_MDPLLn (n = 0, 1)
for power supply and VSS for
ground respectively
RZ/G2H
RZ/G2M V1.3
RZ/G2N
RZ/G2E
RZ/G2M V3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com