Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2E Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # RZ/G2E
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2E Datasheet(HTML) 1 Page - Renesas Technology Corp

  RZ/G2E Datasheet HTML 1Page - Renesas Technology Corp RZ/G2E Datasheet HTML 2Page - Renesas Technology Corp RZ/G2E Datasheet HTML 3Page - Renesas Technology Corp RZ/G2E Datasheet HTML 4Page - Renesas Technology Corp RZ/G2E Datasheet HTML 5Page - Renesas Technology Corp RZ/G2E Datasheet HTML 6Page - Renesas Technology Corp RZ/G2E Datasheet HTML 7Page - Renesas Technology Corp RZ/G2E Datasheet HTML 8Page - Renesas Technology Corp RZ/G2E Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 169 page
background image
R01DS0483EJ0101 Rev.1.01
Page 1 of 169
Jun 30, 2025
DATASHEET
RZ/G Series, 2nd Generation
RZ/G2H, RZ/G2M, RZ/G2N, RZ/G2E
Features
This LSI has following features
RZ/G2H
• Four 1.5-GHz Arm® Cortex®-A57 MPCore™ cores,
• Four 1.2-GHz Arm® Cortex®-A53 MPCore™ cores,
• Memory controller for LPDDR4-3200 with 32 bits × 2 channels,
• 1 channel for HDMI1.4b output (*1) and 1 channel for RGB888 output and 1channel for LVDS,
• 2 channels MIPI-CSI2 Video Input, 2 channels digital Video Input,
• Serial ATA interface,
• USB3.0 × 1 channel and USB2.0 × 2 channels,
RZ/G2M V1.3 RZ/G2M V3.0
• Two 1.5-GHz Arm® Cortex®-A57 MPCore™ cores,
• Four 1.2-GHz Arm® Cortex®-A53 MPCore™ cores,
• Memory controller for LPDDR4-3200 with 32 bits × 2 channels,
• 1 channel for HDMI1.4b output (*1) and 1channel for RGB888 output and 1channel for LVDS,
• 2 channels MIPI-CSI2 Video Input, 2channels digital Video Input,
• USB3.0 × 1 channel and USB2.0 × 2 channels,
RZ/G2N
• Two 1.5-GHz Arm® Cortex®-A57 MPCore™ cores,
• Memory controller for LPDDR4-3200 with 32 bits × 1 channel,
• 1 channel for HDMI1.4b output (*1) and 1channel for RGB888 output and 1channel for LVDS,
• 2 channels MIPI-CSI2 Video Input, 2 channels digital Video Input,
• Serial ATA interface,
• USB3.0 × 1 channel and USB2.0 × 2 channels,
RZ/G2E
• Two 1.2-GHz Arm® Cortex®-A53 MPCore™ cores,
• Memory controller for DDR3L-1856 * with 32 bits × 1 channel,
• 1 channel for RGB888 output and 2 channels for LVDS,
• 1 channel MIPI-CSI2 Video Input, 2 channels digital Video Input,
• USB3.0 × 1 channel and USB2.0 × 1 channel,
RZ/G2H RZ/G2M V1.3 RZ/G2M V3.0 RZ/G2N RZ/G2E
• 800-MHz Arm® Cortex®-R7 core (*1),
• Three-dimensional graphics engines,
• Sound processing units,
• SD host interface,
• PCI Express interface,
• Video processing units,
• CAN interface, and
• EthernetAVB interface.
Note 1. In case of using this function, please contact a Renesas Electronics sales representative.
R01DS0483EJ0101
Rev.1.01
Jun 30, 2025


Similar Part No. - RZ/G2E

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RZ/G2L RENESAS-RZ/G2L Datasheet
874Kb / 74P
RZ 32 & 64-bit MPUs, RZ/G Series
Rev.1.10 May 30, 2025
RZ/G2LC RENESAS-RZ/G2LC Datasheet
874Kb / 74P
RZ 32 & 64-bit MPUs, RZ/G Series
Rev.1.10 May 30, 2025
RZ/G2UL RENESAS-RZ/G2UL Datasheet
3Mb / 83P
RZ/G2UL, RZ/A3UL, RZ/Five SMARC Module Board
Rev.1.01 Jul, 2022
RZ/G2UL RENESAS-RZ/G2UL Datasheet
939Kb / 67P
RZ 32 & 64-bit MPUs, RZ/G Series
Rev.1.10 Jun 16, 2025
More results

Similar Description - RZ/G2E

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KB9224 SAMSUNG-KB9224 Datasheet
450Kb / 55P
VIDEO-CD 2ND GENERATION
logo
Infineon Technologies A...
IDC05S60C INFINEON-IDC05S60C Datasheet
60Kb / 4P
2nd generation thinQ SiC Schottky Diode
05.04.2006
IDD04S60C INFINEON-IDD04S60C Datasheet
241Kb / 7P
2nd Generation thinQ SiC Schottky Diode
Rev. 2.0 2006-04-03
logo
Samsung semiconductor
S1L9224X01 SAMSUNG-S1L9224X01 Datasheet
385Kb / 55P
VIDEO-CD 2ND GENERATION
logo
Emerson Network Power
EIGHTH-BRICKIBC EMERSON-NETWORKPOWER-EIGHTH-BRICKIBC Datasheet
654Kb / 3P
2nd Generation IBC
QB2GIBC EMERSON-NETWORKPOWER-QB2GIBC Datasheet
329Kb / 4P
2nd Generation IBC
IBC60 EMERSON-NETWORKPOWER-IBC60 Datasheet
1Mb / 4P
Fixed Ratio 2nd Generation IBC
logo
AAEON Technology
EMB-Q77A AAEON-EMB-Q77A Datasheet
454Kb / 2P
Intel짰 3rd/2nd Generation Core?
logo
Advanced Micro Devices
AMDI-S-A0002301461-1 AMD-AMDI-S-A0002301461-1 Datasheet
345Kb / 3P
1st and 2nd Generation AMD Embedded G-Series System-on-Chip (SOC)
logo
Renesas Technology Corp
R9A07G044L28GBG RENESAS-R9A07G044L28GBG Datasheet
531Kb / 22P
Renesas Microprocessor RZ Family / RZ/G Series
Rev.1.10 Aug. 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com