Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2E Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # RZ/G2E
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2E Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button RZ/G2E Datasheet HTML 69Page - Renesas Technology Corp RZ/G2E Datasheet HTML 70Page - Renesas Technology Corp RZ/G2E Datasheet HTML 71Page - Renesas Technology Corp RZ/G2E Datasheet HTML 72Page - Renesas Technology Corp RZ/G2E Datasheet HTML 73Page - Renesas Technology Corp RZ/G2E Datasheet HTML 74Page - Renesas Technology Corp RZ/G2E Datasheet HTML 75Page - Renesas Technology Corp RZ/G2E Datasheet HTML 76Page - Renesas Technology Corp RZ/G2E Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 3. Electrical Characteristics
R01DS0483EJ0101 Rev.1.01
Page 73 of 169
Jun 30, 2025
Table 3.4.22 DC Characteristics (1.1-V I/O [LPDDR4])
Item
Symbol
Min.
Typ.
Max.
Unit
Measurement
conditions
Remarks
Input high
voltage
(MDQ pin)
VIH
VREF + 0.09
—
—
V
VDDQVA_DDRn =
1.06 to 1.17 V
(n = 0 to 1)
VREF=
VDDQVA_DDRn*(1/6)
MDQ, and
MDQS pins
Input low
voltage
(MDQ pin)
VIL
—
—
VREF – 0.09
V
Input high
voltage
VIH
0.8 ×
VDDQVA_DDRn
(n = 0 to 1)
—
—
V
VDDQVA_DDRn =
1.06 to 1.17 V
(n = 0 to 1)
MBKUP pin
Input low
voltage
VIL
—
—
0.2 ×
VDDQVA_DDRn
(n = 0 to 1)
V
DC
differential
input high
voltage
VIHD
0.09
—
—
V
MDQS = H,
VDDQVA_DDRn =
1.06 to 1.17 V
(n = 0 to 1)
MDQS pins
DC
differential
input low
voltage
VILD
—
—
-0.09
V
MDQS = L,
VDDQVA_DDRn =
1.06 to 1.17 V
(n = 0 to 1)
Output high
voltage
VOH
0.99
—
—
V
VDDQVA_DDRn =
1.06 to 1.17 V
(n = 0 to 1)
MBKUP
pins
IOH = 0mA
Output low
voltage
VOL
—
—
0.16
V
VDDQVA_DDRn =
1.06 to 1.17 V
(n = 0 to 1)
MBKUP
pins
IOL = 0mA
High Hi-Z
leak current
IOZH
—
—
10
μA
VDDQVA_DDRn =
1.06 to 1.17 V
(n = 0 to 1)
Other than
MZQ
Low Hi-Z
leak current
IOZL
-10
—
—
μA
High Hi-Z
leak current
IOZH
—
—
10
μA
MZQ pin
Low Hi-Z
leak current
IOZL
-10
—
—
μA
Pin
capacitance
CL
—
—
15
pF
—
All pins*
Note:
*
Except power supply pins.
RZ/G2H
RZ/G2M V1.3
RZ/G2N
RZ/G2E
RZ/G2M V3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com