Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2E Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # RZ/G2E
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2E Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button RZ/G2E Datasheet HTML 6Page - Renesas Technology Corp RZ/G2E Datasheet HTML 7Page - Renesas Technology Corp RZ/G2E Datasheet HTML 8Page - Renesas Technology Corp RZ/G2E Datasheet HTML 9Page - Renesas Technology Corp RZ/G2E Datasheet HTML 10Page - Renesas Technology Corp RZ/G2E Datasheet HTML 11Page - Renesas Technology Corp RZ/G2E Datasheet HTML 12Page - Renesas Technology Corp RZ/G2E Datasheet HTML 13Page - Renesas Technology Corp RZ/G2E Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 1 Overview
R01DS0483EJ0101 Rev.1.01
Page 10 of 169
Jun 30, 2025
1.1.6
Graphics Units
Item
Description
3D Graphics Engine
(3DGE)
RZ/G2H
• Imagination Technologies PowerVR Series6XT GX6650
• Max. Frequency. 600 MHz
• Drastically performance improvements for sophisticated graphics and GPU computer
• Reducing power consumption even further through advanced power saving
mechanisms
• Lowest memory bandwidth in the industry with compression technologies
• Ultra HD deep color GPU Support APIs: OpenGL ES 3.1, (OpenCL 1.2 EP)
• 7.2 Gpix/s, 300 Mpoly/s, 288 GFLOPS
RZ/G2M V1.3 RZ/G2M V3.0
• Imagination Technologies PowerVR Series 6XT GX6250
• Max. Frequency 600 MHz
• Drastically performance improvements for sophisticated graphics and GPU computer
• Reducing power consumption even further through advanced power saving
mechanisms
• Lowest memory bandwidth in the industry with compression technologies
• Ultra HD deep color GPU Support APIs: OpenGL ES 3.1, (OpenCL 1.2 EP)
• 2.4 Gpix/s, 300 Mpoly/s, 96 GFLOPS
RZ/G2N
• Imagination Technologies PowerVR Series 7XE GE7800
• Max. Frequency. 600 MHz
• Drastically performance improvements for sophisticated graphics and GPU computer
• Reducing power consumption even further through advanced power saving
mechanisms
• Lowest memory bandwidth in the industry with compression technologies
• Ultra HD deep color GPU Support APIs: OpenGL ES 3.1, (OpenCL 1.2 EP)
• 2.4 Gpix/s, 200 Mpoly/s, 38.4 GFLOPS
RZ/G2E
• Imagination Technologies PowerVR Series 8XE GE8300
• Max. Frequency. 600 MHz
• Drastically performance improvements for sophisticated graphics and GPU computer
• Reducing power consumption even further through advanced power saving
mechanisms
• Lowest memory bandwidth in the industry with compression technologies
• Ultra HD deep color GPU Support APIs: OpenGL ES 3.1, (OpenCL 1.2 EP)
• 2.4 Gpix/s, 200 Mpoly/s, 19.2 GFLOPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com