Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2E Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # RZ/G2E
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2E Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button RZ/G2E Datasheet HTML 97Page - Renesas Technology Corp RZ/G2E Datasheet HTML 98Page - Renesas Technology Corp RZ/G2E Datasheet HTML 99Page - Renesas Technology Corp RZ/G2E Datasheet HTML 100Page - Renesas Technology Corp RZ/G2E Datasheet HTML 101Page - Renesas Technology Corp RZ/G2E Datasheet HTML 102Page - Renesas Technology Corp RZ/G2E Datasheet HTML 103Page - Renesas Technology Corp RZ/G2E Datasheet HTML 104Page - Renesas Technology Corp RZ/G2E Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 3. Electrical Characteristics
R01DS0483EJ0101 Rev.1.01
Page 101 of 169
Jun 30, 2025
3.15
SSI Interface
Table 3.15.1 SSI Interface Signal Timing
Conditions: VDDQ33 = 3.10 V – 3.50 V, GND = VSS = 0 V, Tc = -40 to +115 °C [RZ/G2H, RZ/G2M V1.3],
Ta = -40 to +85 °C [RZ/G2M V3.0, RZ/G2N], Tj = -40 to +115 °C [RZ/G2M V3.0, RZ/G2N]
CL = 30 pF (other than tRC: Rise-edge clock timing) [RZ/G2H, RZ/G2M V1.3, RZ/G2M V3.0, RZ/G2N]
Conditions: VDDQ33 = 3.00 V – 3.60 V, GND = VSS = 0 V, Ta = -40 to +85 °C, Tj = -40 to +115 °C,
CL = 30 pF (other than tRC: Rise-edge clock timing) [RZ/G2E]
Item
Symbol
Min.
Typ.
Max.
Unit
Note
Figures
Output clock cycle
tO
80
—
15625
ns
—
Figure 3.15.1
Input clock cycle
tI
66
—
15625
ns
—
Output clock high-cycle
tHC
35
—
—
ns
—
Output clock low-cycle
tLC
35
—
—
ns
—
Input clock high-cycle
tHC
28
—
—
ns
—
Input clock low-cycle
tLC
28
—
—
ns
—
Rise-edge clock timing
tRC
—
—
20
ns
Output
(100pF)
Output delay
tD
−5
—
19
ns
—
Figure 3.15.2 to
Figure 3.15.5
tD
—
—
19
ns
—
Figure 3.15.6
Setup time
tS
15
—
—
ns
—
Figure 3.15.2 to
Figure 3.15.5
Hold time
tH
5
—
—
ns
—
Audio clock frequency
fAUDIO
3.072
—
25
MHz
—
Figure 3.15.7
Audio clock duty
fAUDIOduty 0.45
—
0.55
fAUDIO —
Figure 3.15.1 SCK Clock Input/output Timing
SSI_SCK
tHC
tLC
tRC
tI, tO
RZ/G2H
RZ/G2M V1.3
RZ/G2N
RZ/G2E
RZ/G2M V3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com