Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2E Datasheet(PDF) 113 Page - Renesas Technology Corp

Part # RZ/G2E
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2E Datasheet(HTML) 113 Page - Renesas Technology Corp

Back Button RZ/G2E Datasheet HTML 109Page - Renesas Technology Corp RZ/G2E Datasheet HTML 110Page - Renesas Technology Corp RZ/G2E Datasheet HTML 111Page - Renesas Technology Corp RZ/G2E Datasheet HTML 112Page - Renesas Technology Corp RZ/G2E Datasheet HTML 113Page - Renesas Technology Corp RZ/G2E Datasheet HTML 114Page - Renesas Technology Corp RZ/G2E Datasheet HTML 115Page - Renesas Technology Corp RZ/G2E Datasheet HTML 116Page - Renesas Technology Corp RZ/G2E Datasheet HTML 117Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 3. Electrical Characteristics
R01DS0483EJ0101 Rev.1.01
Page 113 of 169
Jun 30, 2025
3.20 HSCIF
Table 3.20.1 HSCIF Signal Timing
Conditions: VDDQ33 = 3.3 ± 0.2 V [RZ/G2H, RZ/G2M V1.3, RZ/G2M V3.0, RZ/G2N],
VDDQ33 = 3.3 ± 0.3 V [RZ/G2E],
GND = VSS = 0 V, Tc = -40 to +115 °C [RZ/G2H, RZ/G2M V1.3], Ta = −40 to +85 °C [RZ/G2M V3.0,
RZ/G2N, RZ/G2E], Tj = -40 to +115 °C [RZ/G2M V3.0, RZ/G2N, RZ/G2E], CL = 30 pF
Item
Symbol
Min.
Typ.
Max.
Unit
Figures
Input clock cycle (asynchronous)
tSCYC
4
—
—
tCYC
Figure 3.20.1
Input clock pulse width
tSCKW
0.4
—
0.6
tSCYC
Input clock rise time
tSCKr
—
—
0.8
tCYC
Input clock fall time
tSCKf
—
—
0.8
tCYC
Note:
RZ/G2H, RZ/G2M V1.3,RZ/G2M V3.0, RZ/G2N: tCYC is for one cycle of the S3D1ϕ clock.
RZ/G2E: tCYC is for one cycle of the S3D1Cϕ clock.
Figure 3.20.1 Input Clock Timing
BRGCLK
(Internal signal)
tSCYC
tSCKW
tSCKf
tSCKr
Note: The output signal (BRGCLK) of the external baud rate generator (BRG) is an HSCIF internal signal.
Set the input signal and the DL and CKS registers of the BRG so that the BRGCLK signal can satisfy the above specification.
RZ/G2H
RZ/G2M V1.3
RZ/G2N
RZ/G2E
RZ/G2M V3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com