Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2E Datasheet(PDF) 121 Page - Renesas Technology Corp

Part # RZ/G2E
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2E Datasheet(HTML) 121 Page - Renesas Technology Corp

Back Button RZ/G2E Datasheet HTML 117Page - Renesas Technology Corp RZ/G2E Datasheet HTML 118Page - Renesas Technology Corp RZ/G2E Datasheet HTML 119Page - Renesas Technology Corp RZ/G2E Datasheet HTML 120Page - Renesas Technology Corp RZ/G2E Datasheet HTML 121Page - Renesas Technology Corp RZ/G2E Datasheet HTML 122Page - Renesas Technology Corp RZ/G2E Datasheet HTML 123Page - Renesas Technology Corp RZ/G2E Datasheet HTML 124Page - Renesas Technology Corp RZ/G2E Datasheet HTML 125Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 3. Electrical Characteristics
R01DS0483EJ0101 Rev.1.01
Page 121 of 169
Jun 30, 2025
Table 3.24.2 RPC Timing [RZ/G2E]
Conditions:
VDDQ_QSPI = 1.8V ± 0.1 V, GND = VSS = 0 V,
Ta = −40 to + 85 °C,
Tj = −40 to + 115 °C,
CL = 15 pF
Item
Symbol
Min.
Typ.
Max.
Unit
Figures
SPCLK clock cycle time
(HyperFlash)
tSPCYC
6.66
—
—
ns
Figure 3.24.1
SPCLK clock cycle time
(QSPI Flash)
12.50
—
—
ns
SPCLK high pulse width
tSPWH
0.45
—
0.55
tSPCYC
SPCLK low pulse width
tSPWL
0.45
—
0.55
tSPCYC
SPCLK rise time
tSPR
—
—
2.0
ns
SPCLK fall time
tSPF
—
—
2.0
ns
SPCLK skew
tSPSKEW —
—
0.04
tSPCYC
SSL to setup time
tLEAD
1 × tSPCYC – 3
—
8 × tSPCYC + 3
ns
Figure 3.24.2,
Figure 3.24.3,
Figure 3.24.4
SSL to hold time
tLAG
5.5 × tSPCYC – 3 —
8.5 × tSPCYC + 3 ns
Data input valid setup time SDR tVSS
—
—
0.5 × tSPCYC + 3 ns
Figure 3.24.2
Data input valid hold time SDR
tVHS
0
—
—
ns
Data output setup time
tOS
0.5 × tSPCYC – 2 —
—
ns
Data output hold time
tOH
0.5 × tSPCYC – 2 —
—
ns
Data input valid setup time DDR tVSD
—
—
6.5
ns
Figure 3.24.3
Data input valid hold time DDR
tVHD
0.32 × tSPCYC
—
—
ns
Data to Data Strobe Skew
tDDSS
-0.65
—
0.65
ns
Figure 3.24.4
SPCLK to Data Strobe Skew
tCDSS
—
—
7.0
ns
Output Data Setup time in DDR
mode
tSDDR
0.25 × tSPCYC –
0.6
—
0.25 × tSPCYC +
0.6
ns
Figure 3.24.3,
Figure 3.24.4
Output Data Hold time in DDR
mode
tHDDR
0.25 × tSPCYC –
0.6
—
0.25 × tSPCYC +
0.6
ns
Input Slew rate with Data Strobe
usage
tDSISR
0.94
—
—
V/ns
Figure 3.24.5
RPC_RESET assert time
tRPCRA
0
—
—
ns
Figure 3.24.6
RPC_RESET negate time
tRPCRN
10
—
—
ns
Figure 3.24.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com