Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2E Datasheet(PDF) 142 Page - Renesas Technology Corp

Part # RZ/G2E
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2E Datasheet(HTML) 142 Page - Renesas Technology Corp

Back Button RZ/G2E Datasheet HTML 138Page - Renesas Technology Corp RZ/G2E Datasheet HTML 139Page - Renesas Technology Corp RZ/G2E Datasheet HTML 140Page - Renesas Technology Corp RZ/G2E Datasheet HTML 141Page - Renesas Technology Corp RZ/G2E Datasheet HTML 142Page - Renesas Technology Corp RZ/G2E Datasheet HTML 143Page - Renesas Technology Corp RZ/G2E Datasheet HTML 144Page - Renesas Technology Corp RZ/G2E Datasheet HTML 145Page - Renesas Technology Corp RZ/G2E Datasheet HTML 146Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 3. Electrical Characteristics
R01DS0483EJ0101 Rev.1.01
Page 142 of 169
Jun 30, 2025
Table 3.31.4 R-NANDC Timing [RZ/G2E]
Conditions: VDDQ18 = VDDQ_MMC = 1.8 ± 0.1 V, GND = VSS = 0 V, Ta = -40 to +85 °C, Tj = -40 to +115 °C,
CL = 30 pF
Item
Symbol
Min.
Typ.
Max.
Unit
Figures
Output signal delay
tOD
0
—
2.2
ns
Figure 3.31.1
rise-fall delay delta of each output signals
tRFD
0
—
1
ns
—
Read data setup time from NFRE# rise
tSD
8.75
—
—
ns
Figure 3.31.1
Read data hold time from NFRE# rise
tHD
0
—
—
ns
Read data setup time from NFRE# rise
(fast mode)
tSD
8.75 –
tpcyc *1
—
—
ns
Read data hold time from NFRE# rise
(fast mode)
tHD
tpcyc *1
—
—
ns
NFWE# rise to NFRB# fall
tWB
(N+1) ×
tpcyc – 8
*1 *2
—
—
ns
Ready to RE# low
tRR
(M+1) ×
tpcyc + 0
*1 *3
—
—
ns
Notes: 1. tpcyc is a cycle time of S3D1Cϕ
2. N is value of TIME_SEQ_1.TWB bit
3. M is value of TIME_SEQ_1.TRR bit
Figure 3.31.1 Input/output Timing in Synchronous Mode
S3D1ϕ
[RZ/G2M V1.3, RZ/G2N]
S3D1Cϕ
[RZ/G2E]
(internal clock)
NFCE#
NFCLE
NFALE
NFWE#
tOD
tOD
tOD
tOD
NFRE#
tOD
tOD
NFDATA15-0
tOD
tOD
tSD
tHD
NFRB#
tRR
tWB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com