Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2E Datasheet(PDF) 148 Page - Renesas Technology Corp

Part # RZ/G2E
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2E Datasheet(HTML) 148 Page - Renesas Technology Corp

Back Button RZ/G2E Datasheet HTML 144Page - Renesas Technology Corp RZ/G2E Datasheet HTML 145Page - Renesas Technology Corp RZ/G2E Datasheet HTML 146Page - Renesas Technology Corp RZ/G2E Datasheet HTML 147Page - Renesas Technology Corp RZ/G2E Datasheet HTML 148Page - Renesas Technology Corp RZ/G2E Datasheet HTML 149Page - Renesas Technology Corp RZ/G2E Datasheet HTML 150Page - Renesas Technology Corp RZ/G2E Datasheet HTML 151Page - Renesas Technology Corp RZ/G2E Datasheet HTML 152Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 148 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 3. Electrical Characteristics
R01DS0483EJ0101 Rev.1.01
Page 148 of 169
Jun 30, 2025
Table 3.32.2 DBSC4 Access Timing (LPDDR4) [RZ/G2H, RZ/G2M V1.3, RZ/G2M V3.0, RZ/G2N]
Conditions for LPDDR4:
VDDQ_DDR = 1.1 V + 0.07/- 0.04V, GND = VSS = 0 V,
Tc = -40 to +115 °C [RZ/G2H, RZ/G2M V1.3],
Ta = -40 to +85 °C [RZ/G2M V3.0, RZ/G2N],
Tj = -40 to +115 °C [RZ/G2M V3.0, RZ/G2N]
Item
Symbol
Min.
Max.
Unit
Figures
MCK average clock period
tCK(avg)
0.625
2.5
ns
Figure 3.32.10
MCK absolute high pulse width
tCH(abs)
0.44
0.56
tCK(avg)
MCK absolute low pulse width
tCL(abs)
0.44
0.56
tCK(avg)
Command, Address, and Control output setup
time to MCK, MCK#
tOS(1T)
191
—
ps
Figure 3.32.11
Command, Address, and Control output hold
time from MCK, MCK#
tOH(1T)
191
—
ps
Command, Address, and Control pulse width for
each output
tOPW(1T)
425
—
ps
MDQS, MDQS# rising edge to MCK, MCK#
rising edge (write)
tWDQSS
0.77
1.23
tCK(avg)
Figure 3.32.12
MDQS, MDQS# falling edge setup time to MCK,
MCK# rising edge (write)
tWDSS
0.22
—
tCK(avg)
MDQS, MDQS# falling edge hold time from
MCK, MCK# rising edge (write)
tWDSH
0.22
—
tCK(avg)
MDQS, MDQS# differential high pulse width
(write)
tWDQSH
0.4
—
tCK(avg)
Figure 3.32.13
MDQS, MDQS# differential low pulse width
(write)
tWDQSL
0.4
—
tCK(avg)
MDQS, MDQS# differential WRITE Preamble
(write)
tWPRE
1.8
—
tCK(avg)
MDQS, MDQS# differential WRITE Postamble
(write)
tWPST
0.4
—
tCK(avg)
MDQ and MDM output setup time to MDQS,
MDQS# (write)
tWDS
97
—
ps
Figure 3.32.14
MDQ and MDM output hold time from DQS,
DQS# (write)
tWDH
97
—
ps
MDQ and MDM output pulse width for each
output (write)
tWDIPW
194
—
ps
MDQS, MDQS# rising edge input access time
from rising MCK, MCK# (read)
tRDQSCK
1500
4600
ps
Figure 3.32.15
MDQS, MDQS# differential input high pulse
width (read)
tRQSH
0.38
—
tCK(avg)
Figure 3.32.16
MDQS, MDQS# differential input low pulse
width (read)
tRQSL
0.38
—
tCK(avg)
MDQS, MDQS# differential READ Preamble
(read)
tRPRE
1.8
—
tCK(avg)
MDQS, MDQS# differential READ Postamble
(read)
tRPST
0.4
—
tCK(avg)
Read Data Eye Mask (read)
TdIVW_total
—
0.25
UI
Figure 3.32.17
VdIVW_total
140
—
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com