Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIVA128ZX Datasheet(PDF) 64 Page - STMicroelectronics

Part # RIVA128ZX
Description  128-BIT 3D MULTIMEDIA ACCELERATOR
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128ZX Datasheet(HTML) 64 Page - STMicroelectronics

Back Button RIVA128ZX Datasheet HTML 60Page - STMicroelectronics RIVA128ZX Datasheet HTML 61Page - STMicroelectronics RIVA128ZX Datasheet HTML 62Page - STMicroelectronics RIVA128ZX Datasheet HTML 63Page - STMicroelectronics RIVA128ZX Datasheet HTML 64Page - STMicroelectronics RIVA128ZX Datasheet HTML 65Page - STMicroelectronics RIVA128ZX Datasheet HTML 66Page - STMicroelectronics RIVA128ZX Datasheet HTML 67Page - STMicroelectronics RIVA128ZX Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 85 page
background image
128-BIT 3D MULTIMEDIA ACCELERATOR
RIVA128ZX
64/85
13
ELECTRICAL SPECIFICATIONS
13.1 ABSOLUTE MAXIMUM RATINGS1
NOTES
1
Stresses greater than those listed under ‘Absolute maximum ratings’ may cause permanent damage to the device. This
is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended pe-
riods may affect reliability.
2
For 3V tolerant pins VDD = 3.3V
± 0.3V, for 5V tolerant pins (PCI, Video Port and Serial interfaces) VDD = 5V ± 0.5V
13.2 OPERATING CONDITIONS
13.3 DC SPECIFICATIONS
Table 22.
DC characteristics
NOTES
1
Includes high impedance output leakage for all bi-directional buffers with tri-state outputs
2
VDD = max, GND
≤ VIN ≤ VDD
Table 23.
Parameters applying to PCI and AGP interface pins
Symbol
Parameter
Min.
Max.
Units
Notes
VDD/AVDD
DC supply voltage
3.6
V
Voltage on input and output pins
GND-1.0
VDD+0.5
V
2
TS
Storage temperature (ambient)
-55
125
°C
TA
Temperature under bias
0
85
°C
Analog output current (per output)
45
mA
DC digital output current (per output)
25
mA
Symbol
Parameter
Min.
Typ.
Max.
Units
Notes
TC
Case temperature
120
°C
Symbol
Parameter
Min.
Typ.
Max.
Units
Notes
VDD
Positive supply voltage
3.135
3.3
3.465
V
IIN
Input current (signal pins)
±10
µA1, 2
Power dissipation
3.7
W
Symbol
Parameter
Min.
Typ.
Max.
Units
Notes
CIN
Input capacitance
5
10
pF
1
COUT
Output load capacitance
5
50
pF
1
Parameters for 5V signaling environment only:
VIH
Input logic 1 voltage
2.0
5.75
V
VIL
Input logic 0 voltage
-0.5
0.8
V
VOH
Output logic 1 level
2.4
V
VOL
Output logic 0 level
0.55
V
IOH
Output load current, logic 1 level
-2
mA
IOL
Output load current, logic 0 level
3 or 6
mA
2
Parameters for 3.3V and AGP signaling environments only:
VIH
Input logic 1 voltage
0.475VDD
VDD+0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com