Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIVA128ZX Datasheet(PDF) 21 Page - STMicroelectronics

Part # RIVA128ZX
Description  128-BIT 3D MULTIMEDIA ACCELERATOR
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128ZX Datasheet(HTML) 21 Page - STMicroelectronics

Back Button RIVA128ZX Datasheet HTML 17Page - STMicroelectronics RIVA128ZX Datasheet HTML 18Page - STMicroelectronics RIVA128ZX Datasheet HTML 19Page - STMicroelectronics RIVA128ZX Datasheet HTML 20Page - STMicroelectronics RIVA128ZX Datasheet HTML 21Page - STMicroelectronics RIVA128ZX Datasheet HTML 22Page - STMicroelectronics RIVA128ZX Datasheet HTML 23Page - STMicroelectronics RIVA128ZX Datasheet HTML 24Page - STMicroelectronics RIVA128ZX Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 85 page
background image
128-BIT 3D MULTIMEDIA ACCELERATOR
RIVA128ZX
21/85
AGP timing specification
Figure 12.
AGP clock specification
Table 1.
AGP clock timing parameters
NOTES
1
This rise and fall time is measured across the minimum peak-to-peak range as shown in Figure 12.
Figure 13.
AGP timing diagram
Table 2.
AGP timing parameters
Symbol
Parameter
Min.
Max.
Unit
Notes
tCYC
PCICLK period
15
30
ns
tHIGH
PCICLK high time
6
ns
tLOW
PCICLK low time
6
ns
PCICLK slew rate
1.5
4
V/ns
1
Symbol
Parameter
Min.
Max.
Unit
Notes
tVAL
AGPCLK to signal valid delay (data and control
signals)
211
ns
tON
Float to active delay
2
ns
tOFF
Active to float delay
28
ns
tSU
Input set up time to AGPCLK (data and control
signals)
7ns
tH
Input hold time from AGPCLK
0ns
tCYC
tHIGH
tLOW
PCICLK
0.3VDD
0.4VDD
0.5VDD
0.2VDD
0.6VDD
2V p-to-p
(minimum)
tVAL
tVAL
tON
tOFF
tSU
tH
data1
data2
data1
data2
AGPCLK
Output delay
Tri-state output
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com