Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RIVA128ZX Datasheet(PDF) 23 Page - STMicroelectronics

Part # RIVA128ZX
Description  128-BIT 3D MULTIMEDIA ACCELERATOR
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RIVA128ZX Datasheet(HTML) 23 Page - STMicroelectronics

Back Button RIVA128ZX Datasheet HTML 19Page - STMicroelectronics RIVA128ZX Datasheet HTML 20Page - STMicroelectronics RIVA128ZX Datasheet HTML 21Page - STMicroelectronics RIVA128ZX Datasheet HTML 22Page - STMicroelectronics RIVA128ZX Datasheet HTML 23Page - STMicroelectronics RIVA128ZX Datasheet HTML 24Page - STMicroelectronics RIVA128ZX Datasheet HTML 25Page - STMicroelectronics RIVA128ZX Datasheet HTML 26Page - STMicroelectronics RIVA128ZX Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 85 page
background image
128-BIT 3D MULTIMEDIA ACCELERATOR
RIVA128ZX
23/85
5
PCI 2.1 LOCAL BUS INTERFACE
5.1
RIVA128ZX PCI INTERFACE
The RIVA128ZX supports a glueless interface to PCI 2.1 with both master and slave capabilities. The host
interface is fully compliant with the 32-bit PCI 2.1 specification.
The Multimedia Accelerator supports PCI bus operation up to 33MHz with zero-wait state capability and
full bus mastering capability handling burst reads and burst writes.
Figure 16.
PCI interface pin connections
Table 5.
PCI bus commands supported by the RIVA128ZX
Bus master
Bus slave
Memory read and write
Memory read and write
Memory read line
I/O read and write
Memory read multiple
Configur ation read and write
Memory read line
Memory read multiple
Memory write invalidate
PCICBE[3:0]#
PCIAD[31:0]
PCIFRAME#
32
4
PCIDEVSEL#
PCIIRDY#
PCITRDY#
PCISTOP#
PCIIDSEL
PCIREQ#
PCIGNT#
PCICLK
PCIRST#
PCIPAR
PCIINTA#
RIVA128ZX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com